Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 351Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 352Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 353Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 354Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 355Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 356Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 357Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 358Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 387 page
background image
3-65
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.5 Control registers
Fig. 3.5.24 Structure of Timer XY mode register
Timer XY mode register
b7 b6 b5 b4 b3 b2 b1 b0
Timer XY mode register
(TM: address 002316)
b
2
3
4
5
0
1
6
7
Name
Functions
At reset R W
0
0
0
Refer to Table 3.5.1
0
0
0
0
0
Timer X operating
mode bits
Timer Y operating
mode bits
0: Count start
1: Count stop
Refer to Table 3.5.1
0: Count start
1: Count stop
b5 b4
0 0: Timer mode
0 1: Pulse output mode
1 0: Event counter mode
1 1: Pulse width
measurement mode
b1 b0
0 0: Timer mode
0 1: Pulse output mode
1 0: Event counter mode
1 1: Pulse width
measurement mode
Timer Y count stop
bit
CNTR1 active edge
switch bit
Timer X count stop
bit
CNTR0 active edge
switch bit
Timer X/Timer Y operation modes
Timer mode
Pulse output mode
Event counter mode
Pulse width measurement mode
CNTR0/CNTR1 active edge switch bit (bits 2 and 6 of address 002316) contents
“0” CNTR0/CNTR1 interrupt request occurrence: Falling edge
; No influence to timer count
“1” CNTR0/CNTR1 interrupt request occurrence: Rising edge
; No influence to timer count
“0” Pulse output start: Beginning at “H” level
CNTR0/CNTR1 interrupt request occurrence: Falling edge
“1” Pulse output start: Beginning at “L” level
CNTR0/CNTR1 interrupt request occurrence: Rising edge
“0” Timer X/Timer Y: Rising edge count
CNTR0/CNTR1 interrupt request occurrence: Falling edge
“1” Timer X/Timer Y: Falling edge count
CNTR0/CNTR1 interrupt request occurrence: Rising edge
“0” Timer X/Timer Y: “H” level width measurement
CNTR0/CNTR1 interrupt request occurrence: Falling edge
“1” Timer X/Timer Y: “L” level width measurement
CNTR0/CNTR1 interrupt request occurrence: Rising edge
Table 3.5.1 CNTR0/CNTR1 active edge switch bit function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com