Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 347Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 348Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 349Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 350Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 351Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 352Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 353Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 354Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 387 page
background image
3-61
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.5 Control registers
Fig. 3.5.16 Structure of UART1 control register
Fig. 3.5.17 Structure of Baud rate generator i
UART1 control register
b7 b6 b5 b4 b3 b2 b1 b0
UART1 control register
(UART1CON: address 001B16)
b
0
0
0: 8 bits
1: 7 bits
Character length
selection bit (CHAS)
Parity enable bit
(PARE)
Stop bit length
selection bit (STPS)
P45/TxD1 P-channel
output disable bit
(POFF)
Parity selection bit
(PARS)
Functions
Name
At reset R W
1
0
0
0
2
3
4
5
6
1
7
1
✕
✕
✕
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “1”.
0
1
0: Parity checking disabled
1: Parity checking enabled
0: Even parity
1: Odd parity
0: 1 stop bit
1: 2 stop bits
0: CMOS output
(in output mode)
1: N-channel open-drain
output (in output mode)
Baud rate generator i (i = 1, 3)
b7 b6 b5 b4 b3 b2 b1 b0
Baud rate generator i
(BRGi (i=1, 3): address 001C16, 002F16)
b
0
Undefined
At reset R W
1
2
3
4
5
6
7
Functions
Set a count value of baud rate generator.
Note: Write to this register while transmit/receive operation is stopped.
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com