Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 344Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 345Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 346Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 347Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 348Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 349Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 350Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 351Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 387 page
background image
3-58
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.5 Control registers
Fig. 3.5.11 Structure of I2C START/STOP condition control register
Fig. 3.5.12 Structure of I2C special mode control register
I2C special mode control register
b7 b6 b5 b4 b3 b2 b1 b0
I2C special mode control register
(S3D: address 001716)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
0
0: At communication
completion
1: At falling of ACK clock and
communication completion
ACK interrupt control
bit (ACKICON)
0: One-byte slave address
compare mode
1: Three-byte slave address
compare mode
Slave address
control bit (MSLAD)
Writing 1 to this bit initializes
the SCL pin low hold 2 flag
to 1 . (Notes 1, 2)
SCL pin low hold 2
flag set bit (PIN2IN)
Writing 1 to this bit clears
the SCL pin low hold 2 flag to
0 and holds the SCL pin low.
(Notes 1, 2)
SCL pin low hold
set bit (PIN2HD)
STOP condition flag
clear bit (SPFCL)
Writing 1 to this bit initializes
the STOP condition flag to
0. (Note 1)
Notes 1: When 0 is written to these bits, nothing is happened.
2: Do not write 1 to these bits at the same time.
✕
Fix this bit to 0 .
Fix this bit to 0 .
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are 0 .
0
0
I2C START/STOP condition control register
b7 b6 b5 b4 b3 b2 b1 b0
I2C START/STOP condition control register
(S2D: address 001616)
b
0
Name
0
Functions
At reset R W
1
0
1
1
1
2
3
4
0
0: Falling edge active
1: Rising edge active
SCL release time
=
φ (µs) ✕ (SSC+1)
Setup time
=
φ (µs) ✕ (SSC+1)/2
Hold time
=
φ (µs) ✕ (SSC+1)/2
0: SDA valid
1: SCL valid
5
0
SCL/SDA interrupt
pin polarity selection
bit (SIP)
7
6
0
Fix this bit to 0 .
START/STOP
condition set bits
(SSC0, SSC1,
SSC2, SSC3,
SSC4)
SCL/SDA interrupt
pin selection bit
(SIS)
Note: Fix SSC0 to 0 . Also, do not set SSC4 to SSC0 to odd values or 000002 .
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com