Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 342Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 343Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 344Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 345Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 346Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 347Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 348Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 349Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 387 page
background image
3-56
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.5 Control registers
Fig. 3.5.9 Structure of I2C control register
I2C control register
b7 b6 b5 b4 b3 b2 b1 b0
I2C control register
(S1D: address 001416)
b
0
Name
0
Functions
At reset R W
0
0
1
2
0
3 I
2C-BUS interface
enable bit (ES0)
4
0
Data format
selection bit (ALS)
0: Addressing format
1: Free data format
0: 7-bit addressing format
1: 10-bit addressing format
5
0
Addressing format
selection bit
(10BIT SAD)
7
6
0
I2C-BUS interface pin
input level selection
bit (TISS)
0: Disabled
1: Enabled
0 0 0: 8
0 0 1: 7
0 1 0: 6
0 1 1: 5
1 0 0: 4
1 0 1: 3
1 1 0: 2
1 1 1: 1
0: SMBUS input
1: CMOS input
b2b1b0
Bit counter
(Number of
transmit/receive
bits)
(BC0, BC1, BC2)
0
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
Note: Do not use the read-modify-write instruction because some bits
change by hardware when the start condition is detected and
the byte-transfer is completed.
✕



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com