Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 341Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 342Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 343Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 344Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 345Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 346Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 347Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 348Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 387 page
background image
3-55
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.5 Control registers
Fig. 3.5.8 Structure of I2C status register
I2C status register
b7 b6 b5 b4 b3 b2 b1 b0
I2C status register
(S1: address 001316)
0: Last bit = “0”
1: Last bit = “1” (Note 1)
b
0
1
2
3
4
7
Name
Functions
At reset R W
0: No general call detected
1: General call detected
(Notes 1, 2)
0: Address disagreement
1: Address agreement
(Notes 1, 2)
0
1
0
0
0
Undefined
Last receive bit
(LRB)
General call
detection flag
(AD0)
SCL pin low hold
bit (PIN)
Arbitration lost
detection flag (AL)
Slave address
comparison flag
(AAS)
Bus busy flag (BB)
Communication
mode specification
bits (TRX, MST)
0
0
5
6
0: SCL pin low hold (Note 3)
1: SCL pin low release
0: Bus free
1: Bus busy
b7 b6
0 0: Slave receive mode
0 1: Slave transmit mode
1 0: Master receive mode
1 1: Master transmit mode
Notes 1: These flags and bits are exclusive to input. When writing to
these bits, write “0” to these bits.
2: These bits can be detected only when the data format
selection bit (ALS) of I2C control register is set to “0”.
3: This bit can be set to “1” by program, but cannot be cleared
to “0”.
4: All bits are changed by hardware. Do not use the read-
modify-write instructions (SEB, CLB).
0: Not detected
1: Detected (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com