Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 102Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 103Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 104Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 105Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 106Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 107Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 108Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 109Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 387 page
background image
1-88
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
q Full Status Check
By performing full status check, it is possible to know the execu-
tion results of erase and program operations. Figure 84 shows a
full status check flowchart and the action to be taken when each
error occurs.
Fig. 84 Full status check flowchart and remedial procedure for errors
Read status register
SR4 = “1” and
SR5 = “1” ?
NO
YES
SR5 = “0” ?
YES
Erase error
NO
SR4 = “0” ?
YES
NO
Command
sequence error
Program error
End (block erase, program)
Execute the clear status register command (5016)
to clear the status register. Try performing the
operation one more time after confirming that the
command is entered correctly.
Should an erase error occur, the block in error
cannot be used.
Note: When one of SR5 and SR4 is set to “1”, none of the read array, program,
and block erase commands is accepted. Execute the clear status register
command (5016) before executing these commands.
Should a program error occur, the block in error
cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com