Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 103Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 104Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 105Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 106Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 107Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 108Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 109Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 110Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 387 page
background image
1-89
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
q Functions To Inhibit Rewriting Flash
Memory Version
To prevent the contents of internal flash memory from being read
out or rewritten easily, this MCU incorporates a ROM code protect
function for use in parallel I/O mode and an ID code check func-
tion for use in standard serial I/O mode.
(1) ROM Code Protect Function
The ROM code protect function is the function to inhibit reading
out or modifying the contents of internal flash memory by using
the ROM code protect control address (address FFDB16) in paral-
lel I/O mode. Figure 85 shows the ROM code protect control
address (address FFDB16). (This address exists in the User ROM
area.)
If one or both of the pair of ROM code protect bits is set to “0”, the
ROM code protect is turned on, so that the contents of internal
flash memory are protected against readout and modification. The
ROM code protect is implemented in two levels. If level 2 is se-
lected, the flash memory is protected even against readout by a
shipment inspection LSI tester, etc. When an attempt is made to
select both level 1 and level 2, level 2 is selected by default.
If both of the two ROM code protect reset bits are set to “00”, the
ROM code protect is turned off, so that the contents of internal
flash memory can be readout or modified. Once the ROM code
protect is turned on, the contents of the ROM code protect reset
bits cannot be modified in parallel I/O mode. Use the serial I/O or
CPU rewrite mode to rewrite the contents of the ROM code protect
reset bits.
Rewriting of only the ROM code protect control address (address
FFDB16) cannot be performed. When rewriting the ROM code pro-
tect reset bit, rewrite the whole user ROM area (block 0)
containing the ROM code protect control address.
Fig. 85 Structure of ROM code protect control address
ROM code protect control address (address FFDB16)
ROMCP (FF16 when shipped)
Reserved bits (“1” at read/write)
ROM code protect level 2 set bits (ROMCP2) (Notes 1, 2)
b3b2
0 0: Protect enabled
0 1: Protect enabled
1 0: Protect enabled
1 1: Protect disabled
ROM code protect reset bits (ROMCR) (Note 3)
b5b4
0 0: Protect removed
0 1: Protect set bits effective
1 0: Protect set bits effective
1 1: Protect set bits effective
ROM code protect level 1 set bits (ROMCP1) (Note 1)
b7b6
0 0: Protect enabled
0 1: Protect enabled
1 0: Protect enabled
1 1: Protect disabled
b0
b7
Notes 1: When ROM code protect is turned on, the internal flash memory is protected
against readout or modification in parallel I/O mode.
2: When ROM code protect level 2 is turned on, ROM code readout by a shipment
inspection LSI tester, etc. also is inhibited.
3: The ROM code protect reset bits can be used to turn off ROM code protect level 1
and ROM code protect level 2. However, since these bits cannot be modified in
parallel I/O mode, they need to be rewritten in serial I/O mode or CPU rewrite
mode.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com