Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 107Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 108Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 109Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 110Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 111Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 112Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 113Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 114Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 387 page
background image
1-93
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Pin name
Signal name
I/O
VCC,VSS
Power supply
I
CNVSS
CNVSS
I
RESET
Reset input
I
XIN
Clock input
I
XOUT
Clock output
O
AVSS
Analog power supply input
VREF
Reference voltage input
I
P00–P07,P10–P17,
I/O port
I/O
P20–P27,P30–P37,
P40–P43,P50–P57,
P60–P67
P44
RxD input
I
P45
TxD output
O
P46
SCLK input
I
P47
BUSY output
O
Table 17 Description of pin function (Flash Memory Serial I/O Mode 1)
Function
Apply 2.7 to 5.5 V to the Vcc pin and 0 V to the Vss pin.
After input of port is set, input “H” level.
Reset input pin. To reset the microcomputer, RESET pin should be held at an
“L” level for 16 cycles or more of XIN.
Connect an oscillation circuit between the XIN and XOUT pins.
As for the connection method, refer to the “clock generating circuit”.
Connect AVss to Vss.
Apply reference voltage of A/D to this pin.
Input “L” or “H” level, or keep open.
Serial data input pin.
Serial data output pin.
Serial clock input pin.
BUSY signal output pin.
Pin name
Signal name
I/O
VCC,VSS
Power supply
I
CNVSS
CNVSS
I
RESET
Reset input
I
XIN
Clock input
I
XOUT
Clock output
O
AVss
Analog power supply input
VREF
Reference voltage input
I
P00–P07,P10–P17,
I/O port
I/O
P20–P27,P30–P37,
P40–P43,P50–P57,
P60–P67
P44
RxD input
I
P45
TxD output
O
P46
SCLK input
I
P47
BUSY output
O
Table 18 Description of pin function (Flash Memory Serial I/O Mode 2)
Function
Apply 2.7 to 5.5 V to the Vcc pin and 0 V to the Vss pin.
After input of port is set, input “H” level.
Reset input pin. To reset the microcomputer, RESET pin should be held at an
“L” level for 16 cycles or more of XIN.
Connect an oscillation circuit between the XIN and XOUT pins.
As for the connection method, refer to the “clock generating circuit”.
Connect AVss to Vss.
Apply reference voltage of A/D to this pin.
Input “L” or “H” level, or keep open.
Serial data input pin.
Serial data output pin.
Input “L” level.
BUSY signal output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com