Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 235Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 236Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 237Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 238Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 239Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 240Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 241Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 242Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 387 page
background image
2-115
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2004
REJ09B0212-0100Z
3804 Group (Spec.H)
(2)
START condition generating procedure using multi-master
➀ Procedure example (The necessary conditions of the generating procedure are described as the
following ➁ to ➄).
LDA #SLADR
(Taking out of slave address value)
SEI
(Interrupt disabled)
BBS 5, S1, BUSBUSY (BB flag confirming and branch process)
BUSFREE:
STA S0
(Writing of slave address value)
LDM #$F0, S1
(Trigger of START condition generating)
CLI
(Interrupt enabled)
:
:
BUSBUSY:
CLI
(Interrupt enabled)
:
:
➁ Use “Branch on Bit Set” of “BBS 5, S1, –” for the BB flag confirming and branch process.
➂ Use “STA, STX” or “STY” of the zero page addressing instruction for writing the slave address
value to the I2C data shift register (S0: address 001116).
➃ Execute the branch instruction of above ➁ and the store instruction of above ➂ continuously shown
by the above procedure example.
➄ Disable interrupts during the following three process steps:
• BB flag confirming
• Writing of slave address value
• Trigger of START condition generating
(3)
RESTART condition generating procedure in master
➀ Procedure example (The necessary conditions of the generating procedure are described as the
following ➁ to ➃). Execute the following procedure when the PIN bit is “0”.
LDM #$00, S1
(Select slave receive mode)
LDA #SLADR
(Taking out of slave address value)
SEI
(Interrupt disabled)
STA S0
(Writing of slave address value)
LDM #$F0, S1
(Trigger of RESTART condition generating)
CLI
(Interrupt enabled)
:
:
➁ Select the slave receive mode when the PIN bit is “0”. Do not write “1” to the PIN bit. The TRX bit
becomes “0” and the SDA pin is released.
➂ The SCL pin is released by writing the slave address value to the I2C data shift register.
➃ Disable interrupts during the following two process steps:
• Writing of slave address value
• Trigger of RESTART condition generating
(4)
Writing to I2C status register (S1: address 001316)
Do not execute an instruction to set the PIN bit to “1” from “0” and an instruction to set the MST and
TRX bits to “0” from “1” simultaneously. It is because it may enter the state that the SCL pin is
released and the SDA pin is released after about one machine cycle. Do not execute an instruction
to set the MST and TRX bits to “0” from “1” simultaneously when the PIN bit is “1”. It is because it
may become the same as above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com