Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 238Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 239Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 240Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 241Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 242Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 243Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 244Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 245Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 387 page
background image
2-118
APPLICATION
2.6 PWM
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.6 PWM
This paragraph explains the registers setting method and the notes relevant to the PWM.
2.6.1 Memory map
2.6.2 Relevant registers
PWM register (PWM)
PWM prescaler (PREPWM)
PWM control register (PWMCON)
002D16
002C16
002B16
Address
Fig. 2.6.1 Memory map of registers relevant to PWM
Fig. 2.6.2 Structure of PWM control register
PWM control register
b7 b6 b5 b4 b3 b2 b1 b0
PWM control register (PWMCON: address 002B16)
b
0
Name
0
Functions
At reset R W
0
0
0
0
PWM function
enable bit
0
0
✕
✕
0
✕
✕
✕
✕
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
2
3
4
5
6
7
0 : PWM disabled
1 : PWM enabled
1
0
Count source
selection bit
0 : f(XIN)
1 : f(XIN)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com