Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 245Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 246Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 247Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 248Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 249Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 250Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 251Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 252Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 387 page
background image
2-125
APPLICATION
2.7 A/D converter
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.7.5 Structure of Interrupt source selection register
Interrupt source selection register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt source selection register
(INTSEL: address 003916)
0: INT0 interrupt
1: Timer Z interrupt
b
0
1
4
2
3
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
INT0/Timer Z
interrupt source
selection bit (*1)
0: Serial I/O2 interrupt
1: Timer Z interrupt
Serial I/O2/Timer Z
interrupt source
selection bit (*1)
0: INT4 interrupt
1: CNTR2 interrupt
INT4/CNTR2
interrupt source
selection bit
0: INT2 interrupt
1: I2C interrupt
INT2/I2C interrupt
source selection bit
0: CNTR0 interrupt
1: SCL, SDA interrupt
CNTR0/SCL, SDA
interrupt source
selection bit (*2)
0: Serial I/O1 transmit
interrupt
1: SCL, SDA interrupt
Serial I/O1 transmit/
SCL, SDA interrupt
source selection bit
(*2)
CNTR1/Serial I/O3
receive interrupt
source selection bit
AD converter/Serial
I/O3 transmit
interrupt source
selection bit
*1: Do not write 1 to these bits simultaneously.
*2: Do not write 1 to these bits simultaneously.
0
0: CNTR1 interrupt
1: Serial I/O3 receive
interrupt
0: A/D converter interrupt
1: Serial I/O3 transmit
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com