Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 249Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 250Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 251Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 252Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 253Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 254Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 255Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 256Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 387 page
background image
2-129
APPLICATION
2.7 A/D converter
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
(2)
Conversion of analog input voltage 2
Outline : The analog input voltage input from a sensor is converted to digital values.
Figure 2.7.11 shows a connection diagram, and Figure 2.7.12 shows the relevant registers setting.
Fig. 2.7.11 Connection diagram
Specifications : •The analog input voltage input from a sensor is converted to digital values.
•P60/AN0 pin is used as an analog input pin.
•8-bit A/D mode
Fig. 2.7.12 Relevant registers setting
P60/AN0
Sensor
3804 Group
(Spec. H)
AD/DA control register (address 003416)
ADCON
0
Analog input pin : P60/AN0 selected
A/D conversion start
0
0
0
b0
b7
AD conversion register 2 (address 003816)
AD2
AD1
b0
b7
b0
b7
AD conversion register 1 (address 003516)
(Read-only)
A result of A/D conversion is stored (Note).
Note: After bit 3 of AD/DA control register (ADCON) is set to “1”, read out that contents.
When reading 8-bit data, read address 003516 only.
0
Analog input pin : AN0–AN7 selected
1
8-bit A/D mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com