Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 259Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 260Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 261Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 262Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 263Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 264Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 265Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 266Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 387 page
background image
2-139
APPLICATION
2.9 Watchdog timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.9 Watchdog timer
This paragraph explains the registers setting method and the notes relevant to the watchdog timer.
2.9.1 Memory map
Fig. 2.9.1 Memory map of registers relevant to watchdog timer
2.9.2 Relevant registers
Fig. 2.9.2 Structure of Watchdog timer control register
CPU mode register (CPUM)
Watchdog timer control register (WDTCON)
003B16
001E16
Address
Watchdog timer control register
b7 b6 b5 b4 b3 b2 b1 b0
Watchdog timer control register
(WDTCON: address 001E16)
b
6
0
STP instruction
disable bit
Watchdog timer H
count source selection
bit
0: STP instruction enabled
1: STP instruction disabled
0: Watchdog timer L
underflow
1: f(XIN)/16 or f(XCIN)/16
Functions
Name
At reset R W
7
0
0
1
1
1
2
1
3
1
4
1
5
1
✕
✕
✕
✕
✕
✕
Watchdog timer H
(for read-out of high-order 6 bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com