Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 260Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 261Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 262Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 263Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 264Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 265Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 266Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 267Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 387 page
background image
2-140
APPLICATION
2.9 Watchdog timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.9.3 Structure of CPU mode register
CPU mode register
b7 b6 b5 b4 b3 b2 b1 b0
CPU mode register
(CPUM: address 003B16)
00 : Single-chip mode
01 :
10 :
Not available
11 :
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0 : 0 page
1 : 1 page
0
1
0
0: Oscillating
1: Stopped
0
1
0
Processor mode
bits
Stack page
selection bit
Port Xc switch bit
Fix this bit to “1”.
Main clock (XIN-
XOUT) stop bit
Main clock division
ratio selection bits
b1 b0
b7 b6
0 0:
φ=f(XIN)/2
(high-speed mode)
0 1:
φ=f(XIN)/8
(middle-speed mode)
1 0:
φ=f(XCIN)/2
(low-speed mode)
1 1: Not available
0: I/O port function
(stop oscillating)
1: XCIN-XCOUT oscillation
function
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com