Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 272Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 273Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 274Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 275Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 276Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 277Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 278Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 279Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 387 page
background image
2-152
APPLICATION
2.12 Standby function
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.12.2 Execution sequence example at restoration by occurrence of INT0 interrupt request
(3)
Notes on using stop mode
sRegister setting
Since values of the prescaler 12 and Timer 1 are automatically reloaded when returning from the
stop mode, set them again, respectively. (When the oscillation stabilizing time set after STP
instruction released bit is “0”)
sClock restoration
After restoration from the stop mode to the normal mode by an interrupt request, the contents of
the CPU mode register previous to the STP instruction execution are retained. Accordingly, if both
main clock and sub clock were oscillating before execution of the STP instruction, the oscillation
of both clocks is resumed at restoration.
In the above case, when the main clock side is set as a system clock, the oscillation stabilizing
time until the timer 1 underflow is reserved at restoration from the stop mode.
When the oscillation stabilizing time set after STP instruction released bit is “0”, the time for 512
counts of the count source become the oscillation stabilizing time. When the oscillation stabilizing
time set after STP instruction released bit is “1”, an arbitrarily count value set to the prescaler 12
and the timer 1 become the oscillation stabilizing time.
At this time, note that the oscillation on the sub clock side may not be stabilized even after the
lapse of the oscillation stabilizing time of the main clock side.
Stop mode
XIN or XCIN
(System clock)
INT0 pin
Prescaler 12 counter
Timer 1 counter
INT0 interrupt request bit
Peripheral device
CPU
Operating
Operating
Stopped
Stopped
Operating
Operating
512 counts
Oscillation stabilizing time
XIN; “H”
XCIN; in high-impedance state
“FF16”
“0116”
Execute STP
instruction
INT0 interrupt signal
input (INT0 interrupt
request occurs)
Oscillation start
Prescaler 12 count start
512 counts down by
prescaler 12
Start supplying internal
clock
φ to CPU
Accept INT0 interrupt
request
Note: The count source set at STP instruction execution is connected as the prescaler 12 count source.
qWhen restoring microcomputer from stop mode by INT0 interrupt
(oscillation stabilizing time set after STP instruction released bit = “0”, rising edge selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com