Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 275Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 276Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 277Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 278Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 279Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 280Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 281Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 282Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 387 page
background image
2-155
APPLICATION
2.12 Standby function
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
sRestoration by interrupt request
In the wait mode, the occurrence of an interrupt request releases the wait mode and supply of the
internal clock
φ to the CPU is started. At the same time, the interrupt request used for restoration
is accepted, so the interrupt processing routine is executed.
However, when using an interrupt request for restoration from the wait mode, in order to enable the
selected interrupt, you must execute the STP instruction after setting the following conditions.
[Necessary register setting]
➀ Interrupt disable flag I = “0” (interrupt enabled)
➁ Interrupt request bit of interrupt source to be used for restoration = “0” (no interrupt request issued)
➂ Interrupt enable bit of interrupt source to be used for restoration = “1” (interrupts enabled)
For more details concerning interrupts, refer to “2.2 Interrupts”.
(3)
Notes on wait mode
sClock restoration
If the wait mode is released by a reset when XCIN is set as the system clock and XIN oscillation is
stopped during execution of the WIT instruction, XCIN oscillation stops, XIN oscillations starts, and
XIN is set as the system clock.
In the above case, the RESET pin should be held at “L” until the oscillation is stabilized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com