Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 277Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 278Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 279Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 280Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 281Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 282Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 283Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 284Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 387 page
background image
2-157
APPLICATION
2.13 Flash memory mode
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.13.3 Structure of Flash memory control register 0
Fig. 2.13.2 Memory map of registers relevant to flash memory
2.13.3 Relevant registers
Flash memory control register 0 (FMCR0)
0FE016
Address
0FE116
0FE216
Flash memory control register 1 (FMCR1)
Flash memory control register 2 (FMCR2)
8 KB user block E/W
enable bit (Notes 1,
2)
Flash memory control register 0
b7 b6 b5 b4 b3 b2 b1 b0
Flash memory control register 0
(FMCR0 : address 0FE016)
b
0
1
2
4
Name
Functions
At reset R W
0
0
0
Not used (Do not write “1” to this bit.)
CPU rewrite mode
select bit (Note 1)
0 : Busy (being automatic written
or automatic erased)
1 : Ready
0
0
0
0
RY/BY status flag
Notes 1: For this bit to be set to “1”, the user needs to write a “0” and then a
“1” to it in succession. For this bit to be set to “0”, write “0” only to
this bit.
2: This bit can be written only when the CPU rewrite mode select bit
is “1”.
3: Effective only when the CPU rewrite mode select bit = “1”. Fix this
bit to “0” when the CPU rewrite mode select bit is “0”.
4: When setting this bit to “1” (when the control circuit of flash memory
is reset), the flash memory cannot be accessed for 10
µs.
5: Write to this bit from program on RAM.
3
0: User ROM area is accessed
1: Boot ROM area is accessed
Flash memory reset
bit (Notes 3, 4)
0: Normal operation
1: Reset
0: E/W disabled
1: E/W enabled
0 : CPU rewrite mode invalid
(software commandes invalid)
1 : CPU rewrite mode valid
(Software commands
acceptable)
1
User ROM area
select bit (Note 5)
5
0: Pass
1: Error
Program status flag
6
0: Pass
1: Error
Erase status flag
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com