Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 278Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 279Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 280Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 281Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 282Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 283Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 284Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 285Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 387 page
background image
2-158
APPLICATION
2.13 Flash memory mode
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.13.4 Structure of Flash memory control register 1
Fig. 2.13.5 Structure of Flash memory control register 2
Flash memory control register 1
b7 b6 b5 b4 b3 b2 b1 b0
Flash memory control register 1
(FMCR1 : address 0FE116)
b
0
1
2
4
Name
Functions
At reset R W
0
0
0
Nothing is arranged for these bits. If writing to
these bits, write “0”. The contents are undefined
at reading.
Erase suspend
request bit (Note 2)
0 : Suspend invalid
1 : Suspend valid
1
0
Erase suspend
enable bit (Note 1)
Notes 1: For this bit to be set to “1”, the user needs to write a “0” and then
a “1” to it in succession.
2: Only when the erase suspend bit is “1”, this bit is valid.
3
0 : Erase restart (no
request issued)
1 : Suspend request
(request issued)
0
5
6
7
0
0
Erase suspend flag
0 : Erase active
1 : Erase inactive (Erase
suspend mode)
Nothing is arranged for these bits. If writing to
these bits, write “0”. The contents are undefined
at reading.
Flash memory control register 2
b7 b6 b5 b4 b3 b2 b1 b0
Flash memory control register 2
(FMCR2 : address 0FE216)
b
0
1
2
4
Name
Functions
At reset R W
0
0
1
Nothing is arranged for these bits. If writing to
these bits, write “0”. The contents are undefined
at reading.
1
Notes 1: For this bit to be set to “1”, the user needs to write a “0” and then
a “1” to it in succession.
2: Effective only when the CPU rewrite mode select bit = “1”.
3
0
5
6
7
0
All user block E/W
enable bit (Notes 1, 2)
0 : E/W disabled
1 : E/W enabled
1
0
Nothing is arranged for these bits. If writing to
these bits, write “0”. The contents are undefined
at reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com