Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 292Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 293Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 294Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 295Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 296Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 297Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 298Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 299Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 387 page
background image
3-6
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.1 Electrical characteristics
3.1.3 Electrical characteristics
Table 3.1.5 Electrical characteristics (1)
(VCC = 2.7 to 5.5 V, VSS = 0V, Ta = –20 to 85 °C, unless otherwise noted)
Symbol
Note 1: P35 is measured when the P35/TxD3 P-channel output disable bit of the UART3 control register (bit 4 of address 003316) is “0”.
P45 is measured when the P45/TxD1 P-channel output disable bit of the UART1 control register (bit 4 of address 001B16) is “0”.
VOH
VOL
VOL
VT+–VT–
VT+–VT–
VT+–VT–
IIH
IIH
IIH
IIL
IIL
IIL
IIL
VRAM
“H” output voltage
P00–P07, P10–P17, P20–P27,
P30, P31, P34–P37, P40–P47,
P50–P57, P60–P67 (Note 1)
“L” output voltage
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P47, P50–P57,
P60–P67
“L” output voltage
P20–P27
Hysteresis
CNTR0, CNTR1, CNTR2,
INT0–INT4
Hysteresis
RxD1, SCLK1, SIN2, SCLK2, RxD3,
SCLK3
____________
Hysteresis
RESET
“H” input current
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P47, P50–P57,
P60–P67
“H” input current
____________
RESET, CNVSS
“H” input current
XIN
“L” input current
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P47, P50–P57,
P60–P67
“L” input current
____________
RESET,CNVSS
“L” input current
XIN
“L” input current (at Pull-up)
P00–P07, P10–P17, P20–P27,
P30, P31, P34–P37, P40–P47,
P50–P57, P60–P67
RAM hold voltage
Limits
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
V
Parameter
Min.
Typ.
Max.
Unit
IOH = –10 mA
VCC = 4.0 to 5.5 V
IOH = –1.0 mA
VCC = 1.8 to 5.5 V
IOL = 10 mA
VCC = 4.0 to 5.5 V
IOL = 1.6 mA
VCC = 1.8 to 5.5 V
IOL = 20 mA
VCC = 4.0 to 5.5 V
IOL = 1.6 mA
VCC = 1.8 to 5.5 V
VI = VCC
(Pin floating. Pull-up
transistors “off”)
VI = VCC
VI = VCC
VI = VSS
(Pin floating. Pull-up
transistors “off”)
VI = VSS
VI = VSS
VI = VSS
VCC = 5.0 V
VI = VSS
VCC = 3.0 V
When clock stopped
VCC–2.0
VCC–1.0
–80
–30
1.8
Test conditions
0.4
0.5
0.5
4.0
–4.0
–210
–70
2.0
1.0
2.0
0.4
5.0
5.0
–5.0
–5.0
–420
–140
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com