Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 294Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 295Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 296Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 297Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 298Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 299Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 300Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 301Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 387 page
background image
3-8
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.1 Electrical characteristics
3.1.4 A/D converter characteristics
bit
LSB
2tc(XIN)
k
Ω
µA
µA
µA
Resolution
Absolute accuracy
(excluding quantization error)
Conversion time
Ladder resistor
Reference power
at A/D converter operated
source input current at A/D converter stopped
A/D port inout current
Max.
8-bit A/D mode (Note 1)
10-bit A/D mode (Note 2)
8-bit A/D mode (Note 1)
2.7
≤ VREF ≤ 5.5 V
10-bit A/D mode (Note 2)
2.7
≤ VREF ≤ 5.5 V
8-bit A/D mode (Note 1)
10-bit A/D mode (Note 2)
VREF = 5.0 V
VREF = 5.0 V
Table 3.1.8 A/D converter characteristics
(VCC = 2.7 to 5.5 V, VSS = AVSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Unit
Limits
Parameter
–
–
tCONV
RLADDER
IVREF
II(AD)
Test conditions
Symbol
Symbol
Parameter
Limits
Min.
Unit
Typ.
Max.
Conditions
Table 3.1.7 A/D converter recommended operating conditions
(VCC = 2.7 to 5.5 V, VSS = AVSS = 0 V,Ta = –20 to 85 °C, unless otherwise noted)
Power source voltage
(When A/D converter is used)
Analog reference voltage
Analog power source voltage
Analog input voltage
Main clock oscillation frequency
(When A/D converter is used)
VCC
VREF
AVSS
VIA
f(XIN)
V
V
V
V
MHZ
2.7
2.7
2.0
0
0.5
0.5
0.5
5.0
5.0
0
2.7
≤ VCC < 4.0 V
4.0
≤ VCC < 4.5 V
4.5
≤ VCC ≤ 5.5 V
5.5
5.5
VCC
VCC
(9✕VCC-0.3)✕1.05
3
(24✕VCC-60)✕1.05
3
16.8
8-bit A/D mode (Note 1)
10-bit A/D mode (Note 2)
Note 1: 8-bit A/D mode: When the conversion mode selection bit (bit 7 of address 003816) is “1”.
2: 10-bit A/D mode: When the conversion mode selection bit (bit 7 of address 003816) is “0”.
Note 1: 8-bit A/D mode: When the conversion mode selection bit (bit 7 of address 003816) is “1”.
2: 10-bit A/D mode: When the conversion mode selection bit (bit 7 of address 003816) is “0”.
Note 1: Using one D/A converter, with the value in the DA conversion register of the other D/A converter being “0016”.
Table 3.1.9 D/A converter characteristics
(VCC = 2.7 to 5.5 V, VREF = 2.7 V to VCC, VSS = AVSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
bit
%
%
µs
k
Ω
mA
Resolution
Absolute accuracy
4.0
≤ VREF ≤ 5.5 V
2.7
≤ VREF < 4.0 V
Setting time
Output resistor
Reference power source input current (Note 1)
Min.
Unit
Limits
Parameter
–
–
tsu
RO
IVREF
Test conditions
Symbol
3.1.5 D/A converter characteristics
8
10
±2
±4
50
61
100
200
5
5
12
50
35
150
Min.
Typ.
Typ.
Max.
2
3.5
8
1.0
2.5
3
5
3.2
Table 3.1.10 Power source circuit timing characteristics
(VCC = 2.7 to 5.5 V, VREF = 2.7 V to VCC, VSS = AVSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
ms
Internal power source stable time at power-on
Min.
Unit
Limits
Parameter
td(P–R)
Test conditions
Symbol
3.1.6 Power source circuit timing characteristics
Typ.
Max.
2
2.7
≤ Vcc < 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com