Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7906 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 32Page - Renesas Technology Corp 7906 Datasheet HTML 33Page - Renesas Technology Corp 7906 Datasheet HTML 34Page - Renesas Technology Corp 7906 Datasheet HTML 35Page - Renesas Technology Corp 7906 Datasheet HTML 36Page - Renesas Technology Corp 7906 Datasheet HTML 37Page - Renesas Technology Corp 7906 Datasheet HTML 38Page - Renesas Technology Corp 7906 Datasheet HTML 39Page - Renesas Technology Corp 7906 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 531 page
background image
7906 Group User’s Manual Rev.2.0
2-15
CENTRAL PROCESSING UNIT (CPU)
2.4 Memory assignment
This section describes the memory assignment in the internal area.
2.4.1 Memory assignment in internal area
SFR (Special Function Register), internal RAM, and internal ROM are assigned to the internal area. Figure
2.4.1 shows the memory assignment in the internal area.
(1)
SFR area
The registers used to set the internal peripheral devices are assigned to addresses 016 to FF16. This
area is called SFR. Figures 2.4.2 and 2.4.3 show the SFR area’s memory assignment.
For each register in the SFR area, refer to each functional description in this manual.
For the state of the SFR area immediately after reset, refer to section “3.3 State of internal area.”
(2)
Internal RAM area
The internal RAM area is used as a stack area, as well as an area to store data. Accordingly, be
sure to set the nesting depth of a subroutine and multiple interrupts’ level not to destroy the necessary
data.
When the internal RAM area is followed by an unused area, do not assign a program to the last 8
bytes of the internal RAM area. (Data is allowed to be assigned there. Also, when the internal RAM
area is followed by the internal ROM area succeedingly, a program is allowed to be assigned there.)
(3)
Internal ROM area
Addresses FFB416 to FFFF16 are the vector addresses for reset and interrupts. (This is called the
interrupt vector table.)
Do not assign a program to the last 8 bytes of the internal ROM area. (Data is allowed to be assigned
there.)
2.4 Memory assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com