Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7906 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 35Page - Renesas Technology Corp 7906 Datasheet HTML 36Page - Renesas Technology Corp 7906 Datasheet HTML 37Page - Renesas Technology Corp 7906 Datasheet HTML 38Page - Renesas Technology Corp 7906 Datasheet HTML 39Page - Renesas Technology Corp 7906 Datasheet HTML 40Page - Renesas Technology Corp 7906 Datasheet HTML 41Page - Renesas Technology Corp 7906 Datasheet HTML 42Page - Renesas Technology Corp 7906 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 531 page
background image
7906 Group User’s Manual Rev.2.0
2-18
CENTRAL PROCESSING UNIT (CPU)
Fig. 2.4.3 SFR area’s memory map (2)
2.4 Memory assignment
Note 5: Do not write to this register.
Address
Up-down flag 1
Timer A5 register
Timer A6 register
Timer A7 register
Timer A8 register
Timer A9 register
Timer A01 register
Timer A11 register
Timer A21 register
Timer A5 mode register
Timer A6 mode register
Timer A7 mode register
Timer A8 mode register
Timer A9 mode register
(Note 5)
Comparator function select register 0
(Note 5)
Comparator result register 0
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
Timer A5 interrupt control register
Timer A6 interrupt control register
Timer A7 interrupt control register
Timer A8 interrupt control register
Timer A9 interrupt control register
INT5 interrupt control register
INT6 interrupt control register
INT7 interrupt control register
Address
A016
A116
A216
A316
A416
A516
A616
A716
A816
A916
AA16
AB16
AC16
AD16
AE16
AF16
B016
B116
B216
B316
B416
B516
B616
B716
B816
B916
BA16
BB16
BC16
BD16
BE16
BF16
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
Clock control register 0
(Note 5)
(Note 5)
(Note 5)
Serial I/O pin control register
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
Port P2 pin function control register
Position-data-retain function control register
Three-phase output data register 0
Three-phase output data register 1
Dead-time timer
Waveform output mode register
C016
C116
C216
C316
C416
C516
C616
C716
C816
C916
CA16
CB16
CC16
CD16
CE16
CF16
D016
D116
D216
D316
D416
D516
D616
D716
D816
D916
DA16
DB16
DC16
DD16
DE16
DF16
E016
E116
E216
E316
E416
E516
E616
E716
E816
E916
EA16
EB16
EC16
ED16
EE16
EF16
F016
F116
F216
F316
F416
F516
F616
F716
F816
F916
FA16
FB16
FC16
FD16
FE16
FF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com