Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7906 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 41Page - Renesas Technology Corp 7906 Datasheet HTML 42Page - Renesas Technology Corp 7906 Datasheet HTML 43Page - Renesas Technology Corp 7906 Datasheet HTML 44Page - Renesas Technology Corp 7906 Datasheet HTML 45Page - Renesas Technology Corp 7906 Datasheet HTML 46Page - Renesas Technology Corp 7906 Datasheet HTML 47Page - Renesas Technology Corp 7906 Datasheet HTML 48Page - Renesas Technology Corp 7906 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 531 page
background image
RESET
7906 Group User’s Manual Rev.2.0
3-2
There are 3 ways to reset the microcomputer:
Hardware reset : Apply “L” level of voltage to pin RESET while the power source voltage (Vcc) meets
the recommended operating conditions.
Software reset : Write “1” to the software reset bit (bit 6 at address 5E16) while the power source
voltage (Vcc) meets the recommended operating conditions.
Power-on reset : After power-on, raise the voltage level at pin Vcc to the level, which meets the
recommend operating conditions, with “L” level of voltage applied to pin RESET.
3.1 Reset operation
Operations of hardware, software, and power-on reset are described below.
3.1.1 Hardware reset
Figure 3.1.1 shows an example of hardware reset timing.
Fig. 3.1.1 Example of hardware reset timing
The following explains how the microcomputer operates in the above periods, ➀ to ➃.
➀ After applying “L” level of voltage to pin RESET, the microcomputer initializes pins within a period of several
ten cycles of fsys. (Refer to section “3.2 Pin state.”)
➁ The microcomputer initializes the central processing unit (CPU) and SFR area in the following periods.
(Refer to section “3.3 State of internal area.”)
• While pin RESET is at “L” level.
• In the period of 8 to 9 cycles of fsys after pin RESET goes from “L” to “H.”
➂ After ➁, the microcomputer performs “Internal processing sequence after reset.” (Refer to section “3.4
Internal processing sequence after reset.”)
➃ The microcomputer executes a program beginning with the address which has been set into the reset
vector addresses (addresses FFFE16 and FFFF16).
RESET
10
µs or more
8 to 9 cycles of fsys
Internal processing
sequence after
reset
Program is executed.
(Note)
➀
➁
➂
➃
Note: The above is applied when the oscillator is stably oscillating or when an
external clock is stably input from pin XIN. When the oscillator is not stably
oscillating (including the case at the stop mode’s termination; refer to section
“15.3 Stop mode.”), apply “L” level of voltage for 10
µs or more after the
oscillation becomes stable.
3.1 Reset operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com