Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7906 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 81Page - Renesas Technology Corp 7906 Datasheet HTML 82Page - Renesas Technology Corp 7906 Datasheet HTML 83Page - Renesas Technology Corp 7906 Datasheet HTML 84Page - Renesas Technology Corp 7906 Datasheet HTML 85Page - Renesas Technology Corp 7906 Datasheet HTML 86Page - Renesas Technology Corp 7906 Datasheet HTML 87Page - Renesas Technology Corp 7906 Datasheet HTML 88Page - Renesas Technology Corp 7906 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 531 page
background image
7906 Group User’s Manual Rev.2.0
INTERRUPTS
6-6
Fig. 6.3.2 Structure of interrupt control register
6.3 Interrupt control
0
1
2
3
7 to 4
A-D conversion, UART0 and 1 transmit, UART0 and 1 receive,
timers A0 to A4, timers B0 to B2 interrupt control registers
(Addresses 7016 to 7C16)
Timers A5 to A9 interrupt control registers (Addresses F516 to F916)
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt priority level select bits
Interrupt request bit
Nothing is assigned.
Notes 1: The A-D conversion interrupt request bit is undefined after reset.
2: When writing to this bit, use the MOVM (MOVMB) or STA (STAB, STAD) instruction.
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0 : No interrupt requested
1 : Interrupt requested
0
0
0
0
(Note 1)
Undefined
RW
RW
RW
RW
(Note 2)
—
Bit name
Bit
Function
At reset
R/W
0
1
2
3
4
5
7, 6
INT3 to INT7 interrupt control registers (Addresses 6E16, 6F16, FD16, FE16, FF16)
Interrupt priority level select bits
Interrupt request bit (Note 1)
Polarity select bit
Level sense/Edge sense select
bit
Nothing is assigned.
b7 b6 b5 b4 b3 b2 b1 b0
Notes 1: The interrupt request bits of INT3 to INT7 interrupts are invalid when the level sense is selected.
2: When writing to this bit, use the MOVM (MOVMB) or STA (STAB, STAD) instruction.
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0 : No interrupt requested
1 : Interrupt requested
0 : The interrupt request bit is set to “1” at “H” level
when level sense is selected; this bit is set to “1”
at falling edge when edge sense is selected.
1 : The interrupt request bit is set to “1” at “L” level
when level sense is selected; this bit is set to “1”
at rising edge when edge sense is selected.
0 : Edge sense
1 : Level sense
0
0
0
0
0
0
Undefined
RW
RW
RW
RW
(Note 2)
RW
RW
—
Bit name
Bit
Function
At reset
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com