Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7906 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 83Page - Renesas Technology Corp 7906 Datasheet HTML 84Page - Renesas Technology Corp 7906 Datasheet HTML 85Page - Renesas Technology Corp 7906 Datasheet HTML 86Page - Renesas Technology Corp 7906 Datasheet HTML 87Page - Renesas Technology Corp 7906 Datasheet HTML 88Page - Renesas Technology Corp 7906 Datasheet HTML 89Page - Renesas Technology Corp 7906 Datasheet HTML 90Page - Renesas Technology Corp 7906 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 531 page
background image
7906 Group User’s Manual Rev.2.0
INTERRUPTS
6-8
b0
0
1
0
1
0
1
0
1
b2
0
0
0
0
1
1
1
1
Table 6.3.1 Setting of interrupt priority level
b1
0
0
1
1
0
0
1
1
Level 0 (Interrupt disabled)
Level 1
Level 2
Level 3
Level 4
Level 5
Level 6
Level 7
—
Low
High
6.3 Interrupt control
Interrupt priority level
Interrupt priority level select bits
Priority
IPL2
0
0
0
0
1
1
1
1
Enabled interrupt’s level
Level 1 and above are enabled.
Level 2 and above are enabled.
Level 3 and above are enabled.
Level 4 and above are enabled.
Level 5 and above are enabled.
Levels 6 and 7 are enabled.
Only level 7 is enabled.
All maskable interrupts are disabled.
IPL1
0
0
1
1
0
0
1
1
IPL0
0
1
0
1
0
1
0
1
Table 6.3.2 Enabled interrupt’s levels according to IPL contents
IPL0: Bit 8 in processor status register (PS)
IPL1: Bit 9 in processor status register (PS)
IPL2: Bit 10 in processor status register (PS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com