Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7906 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 48Page - Renesas Technology Corp 7906 Datasheet HTML 49Page - Renesas Technology Corp 7906 Datasheet HTML 50Page - Renesas Technology Corp 7906 Datasheet HTML 51Page - Renesas Technology Corp 7906 Datasheet HTML 52Page - Renesas Technology Corp 7906 Datasheet HTML 53Page - Renesas Technology Corp 7906 Datasheet HTML 54Page - Renesas Technology Corp 7906 Datasheet HTML 55Page - Renesas Technology Corp 7906 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 531 page
background image
RESET
7906 Group User’s Manual Rev.2.0
3-9
0
0
0
0
00
1
00
?
0
00
0
0
?
0
0
0
Timer B2 register
4016
4116
4216
4316
4416
4516
4616
4716
4816
4916
5016
5116
5216
5316
5416
5516
5616
5716
5816
5916
5A16
5B16
5C16
5D16
5E16
5F16
4B16
4C16
4D16
4E16
4F16
4A16
Timer A2 register
Timer A3 register
Timer A4 register
Timer B0 register
Timer B1 register
Processor mode register 0
One-shot start register 0
One-shot start register 1
Timer A0 register
Up-down register 0
Timer A1 register
Count start register 0
Count start register 1
Timer A1 mode register
Timer A2 mode register
Timer A3 mode register
Timer B0 mode register
Timer B1 mode register
Timer B2 mode register
WO
WO
b7
b0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
WO
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0016
0016
0016
?
0016
b7
b0
?
?
0
WO
RW
RW
RW
Timer A0 mode register
Timer A4 mode register
Processor mode register 1
RW
RW
RW
(Note 7)
0
0
00
0
0
0
?
?
00
?
0
0
0
0
00
0
0
0
00
0
0
0
0
0
RW
0
0
00
0
0
00
(Note 7)
(Note 7)
0
(Note 5)
(Note 5)
RW
RW
(Note 5)
(Note 5)
(Note 6)
(Note 6)
(Note 6)
(Note 6)
(Note 5)
(Note 5)
(Note 5)
(Note 5)
(Note 6)
(Note 6)
1
0
0
0
0
0
0
0
0
0
0016
0016
RW
RW
Timer A clock division select register
0
RW
RW
Register name
Address
Access characteristics
State immediately after reset
Notes 5: The access characteristics at addresses 4616 to 4B16, 4E16, and 4F16 vary according to the timer A’s operating
mode. (Refer to “CHAPTER 7. TIMER A.”)
6: The access characteristics at addresses 5016 to 5516 vary according to the timer B’s operating mode. (Refer to
“CHAPTER 8. TIMER B.”)
7: The access characteristics for bit 5 at addresses 5B16 to 5D16 vary according to the timer B’s operating mode.
(Refer to “CHAPTER 8. TIMER B.”)
0
0
0
000
0
Fig. 3.3.4 State of SFR and internal RAM areas immediately after reset (3)
3.3 State of internal area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com