Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7906 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 64Page - Renesas Technology Corp 7906 Datasheet HTML 65Page - Renesas Technology Corp 7906 Datasheet HTML 66Page - Renesas Technology Corp 7906 Datasheet HTML 67Page - Renesas Technology Corp 7906 Datasheet HTML 68Page - Renesas Technology Corp 7906 Datasheet HTML 69Page - Renesas Technology Corp 7906 Datasheet HTML 70Page - Renesas Technology Corp 7906 Datasheet HTML 71Page - Renesas Technology Corp 7906 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 531 page
background image
CLOCK GENERATING CIRCUIT
7906 Group User’s Manual Rev.2.0
4-9
4.2 Clocks
RW
(Note)
RW
(Note)
RW
0
0
0
Bit name
Bit
0
1
7 to 2
Particular function select register 0 (Address 6216)
Function
At reset
R/W
STP instruction invalidity select bit
External clcok input select bit
Fix this bit to “0.”
b7 b6 b5 b4 b3 b2 b1 b0
0 : STP instruction is valid.
1 : STP instruction is invalid.
0 : Oscillation circuit is active. (Oscillator is connected.)
Watchdog timer is used at stop mode termination.
1 : Oscillation circuit is inactive. (External clock is
input.)
When the system clock select bit (bit 5 at address BC16) = “0,”
watchdog timer is not used at stop mode termination.
When the system clock select bit = “1,”
watchdog timer is used at stop mode termination.
00
0
00
0
4.2.3 Particular function select register 0
Figure 4.2.4 shows the structure of the particular function select register 0, and Figure 4.2.5 shows the
writing procedure for the particular function select register 0.
Fig. 4.2.4 Structure of particular function select register 0
Note: Writing to these bits requires the following procedure:
• Write “5516” to this register. (The bit status does not change only by this writing.)
• Succeedingly, write “0” or “1” to each bit.
Also, use the MOVMB (MOVM when m = 1) instruction or STAB (STA when m = 1) instruction.
If an interrupt occurs between writing of “5516” and next writing of “0” or “1,” latter writing may be ignored. When there is a
possibility that an interrupt occurs at the above timing, be sure to read this bit’s contents after writing of “0” or “1,” and verify
whether “0” or “1” has correctly been written or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com