Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7906 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 60Page - Renesas Technology Corp 7906 Datasheet HTML 61Page - Renesas Technology Corp 7906 Datasheet HTML 62Page - Renesas Technology Corp 7906 Datasheet HTML 63Page - Renesas Technology Corp 7906 Datasheet HTML 64Page - Renesas Technology Corp 7906 Datasheet HTML 65Page - Renesas Technology Corp 7906 Datasheet HTML 66Page - Renesas Technology Corp 7906 Datasheet HTML 67Page - Renesas Technology Corp 7906 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 531 page
background image
CLOCK GENERATING CIRCUIT
7906 Group User’s Manual Rev.2.0
4-5
4.2.1 Clocks generated in clock generating circuit
(1) fXIN
It is the input clock from pin XIN.
(2) fPLL
It is the output clock from the PLL frequency multiplier.
(3) fsys
It is the system clock which becomes the clock source of CPU, BIU, and internal peripheral devices.
Whether fXIN = fsys or fPLL = fsys can be selected by software.
(4)
φCPU
It is the operating clock of CPU.
(5)
φBIU
It is the operating clock of BIU.
(6) Clock
φ1
It has the same period as fsys.
(7) f1, f2, f16, f64, f512, f4096
Each of them is the internal peripheral device’s operating clock.
(8) Wf32, Wf512
These are the operating clocks of the watchdog timer, and their clock source is f2.
(9) fX16, fX32, fX64, fX128
Each of them is the divide clock of fXIN and becomes the watchdog timer’s clock source at STP
termination.
4.2 Clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com