Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7906 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 42Page - Renesas Technology Corp 7906 Datasheet HTML 43Page - Renesas Technology Corp 7906 Datasheet HTML 44Page - Renesas Technology Corp 7906 Datasheet HTML 45Page - Renesas Technology Corp 7906 Datasheet HTML 46Page - Renesas Technology Corp 7906 Datasheet HTML 47Page - Renesas Technology Corp 7906 Datasheet HTML 48Page - Renesas Technology Corp 7906 Datasheet HTML 49Page - Renesas Technology Corp 7906 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 531 page
background image
RESET
7906 Group User’s Manual Rev.2.0
3-3
Bit name
Bit
Processor mode register 0 (Address 5E16)
Function
At reset
R/W
Processor mode bits
Interrupt priority detection time
select bits
Software reset bit
Fix this bit to “0.”
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Single-chip mode
0 1 : Do not select.
1 0 : Do not select.
1 1 : Do not select.
b1 b0
0 0 : 7 cycles of fsys
0 1 : 4 cycles of fsys
1 0 : 2 cycles of fsys
1 1 : Do not select.
b5 b4
The microcomputer is reset by writing “1” to this
bit. The value is “0” at reading.
0
1
2
3
4
5
6
7
0
0
0
1
0
0
0
0
RW
RW
RW
RW
RW
RW
WO
RW
Fig. 3.1.2 Structure of processor mode register 0
3.1.2 Software reset
The microcomputer initializes pins, CPU, and SFR area just as in the case of hardware reset (Refer to
sections “3.2 Pin state” and “3.3 State of internal area”) by writing “1” to the software reset bit. (See
Figure 3.1.2.)
After initialization is completed, the microcomputer performs “Internal processing sequence after reset.”
(Refer to section “3.4 Internal processing sequence after reset.”) After that, it executes a program
beginning with the address which has been set into the reset vector addresses (addresses FFFE16 and
FFFF16).
3.1 Reset operation
00
0
X
X
X: It may be either “0” or “1”.
Any of these bits may be either “0” or “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com