Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7906 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 45Page - Renesas Technology Corp 7906 Datasheet HTML 46Page - Renesas Technology Corp 7906 Datasheet HTML 47Page - Renesas Technology Corp 7906 Datasheet HTML 48Page - Renesas Technology Corp 7906 Datasheet HTML 49Page - Renesas Technology Corp 7906 Datasheet HTML 50Page - Renesas Technology Corp 7906 Datasheet HTML 51Page - Renesas Technology Corp 7906 Datasheet HTML 52Page - Renesas Technology Corp 7906 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 531 page
background image
RESET
7906 Group User’s Manual Rev.2.0
3-6
3.3 State of internal area
Figure 3.3.1 shows the state of CPU registers immediately after reset. Figures 3.3.2 to 3.3.9 show the state
of the SFR and internal RAM areas immediately after reset.
3.3 State of internal area
Fig. 3.3.1 State of CPU registers immediately after reset
0
1
?
: “0” immediately after reset.
: “1” immediately after reset.
: Undefined immediately after reset.
Data bank register (DT)
0016
b7
b0
Program bank register (PG)
0016
b7
b0
Program counter (PC)
Contents at address FFFE16
Contents at address FFFF16
b7
b0
b15
b8
Direct page register 0 (DPR0)
0016
b7
b0
0016
b15
b8
Processor status register (PS)
0
0
00
0
0
1
b7
b0
b15
b8
NV
mx
D
IZ
C
IPL
?
??
?
Stack pointer (S)
FF16
b7
b0
0F16
b15
b8
Index register Y (Y)
?
b7
b0
?
b15
b8
Index register X (X)
?
b7
b0
?
b15
b8
Accumulator B (B)
?
b7
b0
?
b15
b8
Accumulator A (A)
?
b7
b0
?
b15
b8
Register name
State immediately after reset
: “0” immediately after reset.
Fix this bit to “0.”
Direct page register i (DPRi)
?
b7
b0
?
b15
b8
(i = 1 to 3)
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com