Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7906 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 7Page - Renesas Technology Corp 7906 Datasheet HTML 8Page - Renesas Technology Corp 7906 Datasheet HTML 9Page - Renesas Technology Corp 7906 Datasheet HTML 10Page - Renesas Technology Corp 7906 Datasheet HTML 11Page - Renesas Technology Corp 7906 Datasheet HTML 12Page - Renesas Technology Corp 7906 Datasheet HTML 13Page - Renesas Technology Corp 7906 Datasheet HTML 14Page - Renesas Technology Corp 7906 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 531 page
background image
7906 Group User’s Manual Rev.2.0
iv
Table of contents
9.3 Setting of pulse output port mode ................................................................................. 9-14
9.4 Pulse output port mode operation .................................................................................. 9-19
9.4.1 Pulse output trigger ..................................................................................................... 9-19
9.4.2 Operation at internal trigger ....................................................................................... 9-20
9.4.3 Operation at external trigger ...................................................................................... 9-23
[Precautions for pulse output mode] .................................................................................... 9-24
CHAPTER 10. THERR-PHASE WAVEFORM MODE
10.1 Overview .............................................................................................................................. 10-2
10.2 Block description .............................................................................................................. 10-4
10.2.1 Waveform output mode register ............................................................................... 10-5
10.2.2 Dead-time timer register ........................................................................................... 10-7
10.2.3 Three-phase output data register 0 ......................................................................... 10-9
10.2.4 Three-phase output data register 1 ....................................................................... 10-10
10.2.5 Position-data-retain function control register ........................................................ 10-12
10.2.6 Port P5 direction register ........................................................................................... 10-13
10.2.7 Timers A0 through A2 ............................................................................................. 10-13
10.2.8 Timer A3 .................................................................................................................... 10-14
10.2.9 Output polarity set toggle flip-flop ......................................................................... 10-15
10.2.10 Three-phase waveform mode I/O pins ................................................................ 10-16
10.2.11 Pin P6OUTCUT (three-phase waveform-output-forcibly-cutoff signal input pin) .. 10-16
10.3 Three-phase mode 0 ....................................................................................................... 10-17
10.3.1 Setting for three-phase mode 0 ............................................................................. 10-17
10.3.2 Operation in three-phase wave mode 0 ............................................................... 10-21
10.4 Three-phase mode 1 ....................................................................................................... 10-26
10.4.1 Setting for three-phase mode 1 ............................................................................. 10-26
10.4.2 Operation in three-phase wave mode 1 ............................................................... 10-30
10.5 Three-phase waveform output fixation ...................................................................... 10-33
10.6 Position-data-retain function ........................................................................................ 10-35
10.6.1 Operation of position-data-retain function ............................................................. 10-35
[Precautions for three-phase waveform mode] ................................................................. 10-36
CHAPTER 11. SERIAL I/O
11.1 Overview .............................................................................................................................. 11-2
11.2 Block description .............................................................................................................. 11-3
11.2.1 UARTi transmit/receive mode register .................................................................... 11-4
11.2.2 UARTi transmit/receive control register 0 ............................................................... 11-6
11.2.3 UARTi transmit/receive control register 1 ............................................................... 11-8
11.2.4 UARTi transmit register and UARTi transmit buffer register ............................. 11-10
11.2.5 UARTi receive register and UARTi receive buffer register ................................ 11-12
11.2.6 UARTi baud rate register (BRGi) ........................................................................... 11-14
11.2.7 UARTi transmit interrupt control and UARTi receive interrupt control registers . 11-15
11.2.8 Serial I/O pin control register ................................................................................. 11-17
11.2.9 Port P8 direction register ........................................................................................ 11-18
11.2.10 CTS/RTS function .................................................................................................. 11-19
11.3 Clock synchronous serial I/O mode ........................................................................... 11-20
11.3.1 Transfer clock (Synchronizing clock) ..................................................................... 11-20
11.3.2 Transfer data format ................................................................................................ 11-22
11.3.3 Method of transmission ........................................................................................... 11-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com