Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7906 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 73Page - Renesas Technology Corp 7906 Datasheet HTML 74Page - Renesas Technology Corp 7906 Datasheet HTML 75Page - Renesas Technology Corp 7906 Datasheet HTML 76Page - Renesas Technology Corp 7906 Datasheet HTML 77Page - Renesas Technology Corp 7906 Datasheet HTML 78Page - Renesas Technology Corp 7906 Datasheet HTML 79Page - Renesas Technology Corp 7906 Datasheet HTML 80Page - Renesas Technology Corp 7906 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 531 page
background image
INPUT/OUTPUT PINS
7906 Group User’s Manual Rev.2.0
5-6
Enable D-A output
P73/AN3/DA0
P74/AN4/DA1/INT3/RTPTRG0
P10/CTS0/R TS0
P11/CTS0/CLK0
P14/CTS1/R TS1
P15/CTS1/CLK1
1
0
P6OUTCUT/INT4
Port latch
Port latch
Direction register
Direction register
Data bus
Data bus
Output (internal peripheral device)
Analog input
Analog output
[Inside dotted-line included]
[Inside dotted-line not included]
Fig. 5.2.5 Port peripheral circuits (2)
5.2 Programmable I/O ports
5.2.3 Pin P6OUTCUT/INT4 (Port-P6-output-cutoff signal input pin)
Any of bits 0 through 5 of the port P6 direction register (address 1016) are forcibly cleared to “0” by input
of a falling edge to pin P6OUTCUT/INT4, regardless of the mode of port pins P60 through P65; therefore, port
pins P60 through P65 enter the input mode. After that, if it is necessary to output data from port pins P60
through P65, be sure to do as follows:
➀ Return the input level at pin P6OUTCUT/INT4 to “H” level.
➁ Write data to the port P6 register (address E16)’s bits, corresponding to the port P6 pins which will output
data.
➂ Set the port P6 direction register’s bits, corresponding to the port P6 pins in ➁, to “1” in order to set
these port pins to the output mode.
When input level at pin P6OUTCUT/INT4 is “L”, no bit of the port P6 direction register can be set to “1.”
When using port pins P60 through P65 as output port pins at all the time, connect pin P6OUTCUT/INT4 to
Vcc via a resistor. Pin P6OUTCUT/INT4 cannot serve as pin INT4.
Also, when using pin P6OUTCUT/INT4 as an input pin of an external interrupt (pin INT4), use port pins P60
through P65 in the input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com