Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7906 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 87Page - Renesas Technology Corp 7906 Datasheet HTML 88Page - Renesas Technology Corp 7906 Datasheet HTML 89Page - Renesas Technology Corp 7906 Datasheet HTML 90Page - Renesas Technology Corp 7906 Datasheet HTML 91Page - Renesas Technology Corp 7906 Datasheet HTML 92Page - Renesas Technology Corp 7906 Datasheet HTML 93Page - Renesas Technology Corp 7906 Datasheet HTML 94Page - Renesas Technology Corp 7906 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 531 page
background image
7906 Group User’s Manual Rev.2.0
INTERRUPTS
6-12
6.6 Interrupt priority level detection time
When the interrupt priority level detection time has passed after sampling starts, an interrupt request is
accepted. The interrupt priority level detection time can be selected by software. (See Figure 6.6.1.) Usually,
select “2 cycles of fsys” as the interrupt priority level detection time.
Figure 6.6.2 shows the interrupt priority level detection time.
6.6 Interrupt priority level detection time
Fig. 6.6.2 Interrupt priority level detection time
fsys
Op-code fetch cycle
Sampling pulse
(a) 7 cycles of fsys
(b) 4 cycles of fsys
(c) 2 cycles of fsys
Interrupt priority level
detection time
(Note)
Note: The pulse resides when “2 cycles of fsys” is selected.
Fig. 6.6.1 Structure of processor mode register 0
0
1
2
3
4
5
6
7
Bit name
Bit
Processor mode register 0 (Address 5E16)
Function
At reset
R/W
Processor mode bits
Interrupt priority detection time
select bits
Software reset bit
Fix this bit to “0.”
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Single-chip mode
0 1 : Do not select.
1 0 : Do not select.
1 1 : Do not select.
b1 b0
0 0 : 7 cycles of fsys
0 1 : 4 cycles of fsys
1 0 : 2 cycles of fsys
1 1 : Do not select.
b5 b4
The microcomputer is reset by writing “1” to this
bit. The value is “0” at reading.
0
0
0
1
0
0
0
0
RW
RW
RW
RW
RW
RW
WO
RW
0X X 0 0
Any of these bits may be either “0” or “1.”
X : It may be either “0” or “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com