Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 29Page - Analog Devices AD5522JSVDZ Datasheet HTML 30Page - Analog Devices AD5522JSVDZ Datasheet HTML 31Page - Analog Devices AD5522JSVDZ Datasheet HTML 32Page - Analog Devices AD5522JSVDZ Datasheet HTML 33Page - Analog Devices AD5522JSVDZ Datasheet HTML 34Page - Analog Devices AD5522JSVDZ Datasheet HTML 35Page - Analog Devices AD5522JSVDZ Datasheet HTML 36Page - Analog Devices AD5522JSVDZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
AD5522
Rev. A | Page 33 of 60
When configured as DUTGND per channel, this dual function
pin is no longer connected to the input of the guard amplifier.
Instead, it is connected to the low end of the instrumentation
amplifier (SW14a), and the input of the guard amplifier is
connected internally to MEASVHx (SW13a).
DUTGND
MEASURE
VOLTAGE
IN-AMP
MEASVH[0:3]
GUARD[0:3]
GUARDIN[0:3]/
DUTGND[0:3]
DUT
GUARD
AMP
SW14
SW13
SW16
b
a
a
b
–
–
–
+
+
+
x1
AGND
Figure 46. Using the DUTGND per Channel Feature
GUARD AMPLIFIER
A guard amplifier allows the user to bootstrap the shield of the
cable to the voltage applied to the DUT, ensuring minimal drops
across the cable. This is particularly important for measurements
requiring a high degree of accuracy and in leakage current testing.
If not required, all four guard amplifiers can be disabled via the
serial interface (system control register). Disabling the guard
amplifiers decreases power consumption by 400 μA per channel.
As described in the Device Under Test Ground (DUTGND)
section, GUARDINx/DUTGNDx are dual function pins. Each
pin can function either as a guard amplifier input for one
channel or as a DUTGND input for one channel, depending
on the requirements of the end application (see Figure 46).
A guard alarm event occurs when the guard output moves more
than 100 mV away from the guard input voltage for more than
200 μs. In this case, the event is flagged via the open-drain
output CGALM. Because the guard and clamp alarm functions
share the same alarm output, CGALM, the alarm information
(alarm trigger and alarm channel) is available via the serial
interface in the alarm status register.
Alternatively, the serial interface allows the user to set up the
CGALM output to flag either the clamp status or the guard
status. By default, this open-drain alarm pin is an unlatched
output, but it can be configured as a latched output via the serial
interface (system control register).
COMPENSATION CAPACITORS
Each channel requires an external compensation capacitor
(CCOMP) to ensure stability into the maximum load capacitance
while ensuring that settling time is optimized. In addition, one
CFF pin per channel is provided to further optimize stability
and settling time performance when in force voltage (FV) mode.
When changing from force current (FI) mode to FV mode, the
switch connecting the CFF capacitor is automatically closed.
Although the force amplifier is designed to drive load capacitances
up to 10 nF (with CCOMP = 100 pF), it is possible to use larger
compensation capacitor values to drive larger loads, at the
expense of an increase in settling time. If a wide range of load
capacitances must be driven, an external multiplexer connected
to the CCOMP pin allows optimization of settling time vs.
stability. The series resistance of a switch placed on CCOMP
should typically be <50 Ω.
Suitable multiplexers for use here are the ADG1404, ADG1408,
or one of the multiplexers in the ADG4xx family which
typically have on resistances less than 50 Ω.
Similarly, connecting the CFF node to an external multiplexer
accommodates a wide range of CDUT in FV mode. The
ADG1204 or ADG1209 family of multiplexers meet these
requirements. The series resistance of the multiplexer used
should be such that
1/(2π × RON × CDUT) > 100 kHz
Table 12. Suggested Compensation Capacitor Selection
CLOAD
CCOMP
CFF
≤1 nF
100 pF
220 pF
≤10 nF
100 pF
1 nF
≤100 nF
CLOAD/100
CLOAD/10
SYSTEM FORCE AND SENSE SWITCHES
Each channel has switches to allow connection of the force
(FOHx) and sense (MEASVHx) lines to a central PMU for
calibration purposes. There is one set of SYS_FORCE and
SYS_SENSE pins per device. It is recommended that these
connections be made individually to each PMU channel.
FOH0
FOH1
FOH2
FOH3
SYS_FORCE
MEASVH0
MEASVH1
MEASVH2
MEASVH3
SYS_SENSE
Figure 47. SYS_FORCE and SYS_SENSE Connections to FOHx and MEASVHx Pins
TEMPERATURE SENSOR
An on-board temperature sensor monitors die temperature. The
temperature sensor is located at the center of the die. If the
temperature exceeds the factory specified value (130°C) or a
user programmable value, the device protects itself by shutting
down all channels and flagging an alarm through the latched,
open-drain TMPALM pin. Alarm status can be read back from
the alarm status register or the PMU register, where latched and
unlatched bits indicate whether an alarm has occurred and
whether the temperature has dropped below the set alarm
temperature. The shutdown temperature is set using the system
control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com