Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 11Page - Analog Devices AD5522JSVDZ Datasheet HTML 12Page - Analog Devices AD5522JSVDZ Datasheet HTML 13Page - Analog Devices AD5522JSVDZ Datasheet HTML 14Page - Analog Devices AD5522JSVDZ Datasheet HTML 15Page - Analog Devices AD5522JSVDZ Datasheet HTML 16Page - Analog Devices AD5522JSVDZ Datasheet HTML 17Page - Analog Devices AD5522JSVDZ Datasheet HTML 18Page - Analog Devices AD5522JSVDZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
AD5522
Rev. A | Page 15 of
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 4.
Parameter
60
Rating
Thermal resistance values are specified for the worst-case
conditions, that is, a device soldered in a circuit board for
surface-mount packages.
Supply Voltage, AVDD to AVSS
34 V
AVDD to AGND
−0.3 V to +34 V
AVSS to AGND
+0.3 V to −34 V
Table 5. Thermal Resistance1 (JEDEC 4-Layer (1S2P) Board)
Package Type
Airflow
(LFPM)
θJA
θJC
VREF to AGND
−0.3 V to +7 V
DUTGND to AGND
AVDD + 0.3 V to AVSS − 0.3 V
Unit
REFGND to AGND
AVDD + 0.3 V to AVSS − 0.3 V
TQFP Exposed Pad Down
4.8
°C/W
DVCC to DGND
−0.3 V to +7 V
No Heat Sink2
0
22.3
°C/W
AGND to DGND
−0.3 V to +0.3 V
200
17.2
°C/W
Digital Inputs to DGND
−0.3 V to DVCC + 0.3 V
500
15.1
°C/W
Analog Inputs to AGND
AVSS − 0.3 V to AVDD + 0.3 V
With Cooling Plate at 45°C3
N/A
5.4
4.8
°C/W
Storage Temperature Range
−65°C to +125°C
TQFP Exposed Pad Up
2
°C/W
25°C to 90°C
Operating Junction Temperature
Range (J Version)
No Heat Sink2
0
42.4
°C/W
200
37.2
°C/W
Reflow Soldering
JEDEC Standard (J-STD-020)
500
35.7
°C/W
Junction Temperature
150°C max
With Cooling Plate at 45°C3
N/A4
3.0
2
°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 The information in this section is based on simulated thermal information.
2 These values apply to the package with no heat sink attached. The actual
thermal performance of the package depends on the attached heat sink and
environmental conditions.
3 Natural convection at 55°C ambient. Assumes perfect thermal contact
between the cooling plate and the exposed paddle.
3 N/A means not applicable.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com