Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 49Page - Analog Devices AD5522JSVDZ Datasheet HTML 50Page - Analog Devices AD5522JSVDZ Datasheet HTML 51Page - Analog Devices AD5522JSVDZ Datasheet HTML 52Page - Analog Devices AD5522JSVDZ Datasheet HTML 53Page - Analog Devices AD5522JSVDZ Datasheet HTML 54Page - Analog Devices AD5522JSVDZ Datasheet HTML 55Page - Analog Devices AD5522JSVDZ Datasheet HTML 56Page - Analog Devices AD5522JSVDZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
AD5522
Rev. A | Page 53 of 60
READBACK OF COMPARATOR STATUS REGISTER
The comparator status register is a read-only register that provides access to the output status of each comparator pin on the chip. Table 32
shows the format of the comparator register readback word.
Table 32. Comparator Status Register (Read-Only)
Bit
Bit Name
Description
23 (MSB)
MODE1
0
22
MODE0
1
Comparator Status Register Specific Bits
21
CPOL0
Comparator output conditions per channel corresponding to the comparator output pins.
1 = PMU comparator output is high.
0 = PMU comparator output is low.
20
CPOH0
19
CPOL1
18
CPOH1
17
CPOL2
16
CPOH2
15
CPOL3
14
CPOH3
13 to 0 (LSB)
Unused
readback bits
Loads with zeros.
READBACK OF ALARM STATUS REGISTER
The alarm status register is a read-only register that provides information about temperature, clamp, and guard alarm events.
Temperature alarm status is also available in any of the four PMU readback registers.
Table 33. Alarm Status Register Readback
Bit
Bit Name
Description
23 (MSB)
MODE1
1
22
MODE0
1
Alarm Status Register Specific Bits
21
LTMPALM
TMPALM corresponds to the open-drain TMPALM output pin that flags a temperature event
exceeding the default or user programmed level. The temperature alarm is a per-device alarm; the
latched (LTMPALM) and unlatched (TMPALM) bits indicate whether a temperature event occurred
and whether the alarm still exists (that is, whether the junction temperature still exceeds the
programmed alarm level). To reset an alarm event, the user must write a 1 to the clear bit (Bit 6)
in the PMU register.
20
TMPALM
19
LG0
LGx is the per-channel latched guard alarm bit, and Gx is the unlatched guard alarm bit. These bits
indicate which channel flagged the alarm on the open-drain alarm pin CGALM and whether the
alarm condition still exists.
18
G0
17
LG1
16
G1
15
LG2
14
G2
13
LG3
12
G3
11
LC0
LCx is the per-channel latched clamp alarm bit, and Cx is the unlatched clamp alarm bit. These bits
indicate which channel flagged the alarm on the open-drain alarm pin CGALM and whether the
alarm condition still exists.
10
C0
9
LC1
8
C1
7
LC2
6
C2
5
LC3
4
C3
3 to 0 (LSB)
Unused
readback bits
Loads with zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com