Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 21Page - Analog Devices AD5522JSVDZ Datasheet HTML 22Page - Analog Devices AD5522JSVDZ Datasheet HTML 23Page - Analog Devices AD5522JSVDZ Datasheet HTML 24Page - Analog Devices AD5522JSVDZ Datasheet HTML 25Page - Analog Devices AD5522JSVDZ Datasheet HTML 26Page - Analog Devices AD5522JSVDZ Datasheet HTML 27Page - Analog Devices AD5522JSVDZ Datasheet HTML 28Page - Analog Devices AD5522JSVDZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
AD5522
Rev. A | Page 25 of 60
CH1 20.0mV
B
W CH2 100mV
B
W
CH1 Pk-Pk 39.00mV CH2 Pk-Pk 325.8mV
CH4 5.00V
M4.00µs
1
4
2
T
10.0000µs
TA = 25°C
FOH0
MEASOUT0
LOAD
Figure 28. AC Crosstalk, FVMI Mode, PMU 0, Full-Scale Transition on One CPH
DAC, MI Gain = 10, MEASOUTx Gain = 1, ±2 mA Range, CLOAD = 200 pF
CH1 20.0mV
B
W CH2 100mV
B
W
M4.00µs
1
4
2
T
10.0000µs
TA = 25°C
FOH1
MEASOUT1
LOAD
CH1 Pk-Pk 18.80mV CH2 Pk-Pk 140.0mV
CH4 5.00V
Figure 29. AC Crosstalk, FVMI Mode, PMU 1, Full-Scale Transition on One CPH
DAC, MI Gain = 10, MEASOUTx Gain = 1, ±2 mA Range, CLOAD = 200 pF
CH1 10mV
B
W
M10µs
1
1
1
T
30.0µs
T
ATTACK FROM FIN1
16.70mV p-p
FOH0
FOH0
FOH0
ATTACK FROM FIN2
10.35mV p-p
ATTACK FROM FIN3
11.75mV p-p
Figure 30. AC Crosstalk at FOH0 in FI Mode from FIN DAC of Each Other PMU (Full-
Scale Transition), MI Gain = 10, MEASOUTx Gain = 1, ±2 mA Range, CLOAD = 200 pF
CH1 10.0mV
B
W CH2 50.0mV
B
W
M100µs
1
4
2
3
T
200.000µs
TA = 25°C
FOHx VICTIM
MEASOUTx VICTIM
MEASOUTx
ATTACK
TRIGGER
CH2 Pk-Pk 14.38mV
CH4 5.00V
CH3 5.00V
1.80
1.75
1.70
1.65
1.60
1.55
1.50
1.45
1.40
25
45
35
65
55
75
85
FORCED TEMPERATURE (°C)
Figure 31. Shorted DUT AC Crosstalk, Victim PMU in FVMI Mode
(±200 μA Range)
NOMINAL SUPPLIES
±15.25V
5 DIFFERENT DEVICES
Figure 32. Temperature Sensor Voltage on MEASOUTx
vs. Forced Temperature
CH1 100mV
B
W
M2.00µs
3
4
1
1
T
6.0000µs
CH3 5.00V BW
CH4 5.00V BW
CH4
2.10V
SYNC
BUSY
FOH0
Figure 33. Range Change, PMU 0, ±5 μA to ±2 mA, CLOAD = 1 nF,
RLOAD = 620 kΩ, FV = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com