Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 5Page - Analog Devices AD5522JSVDZ Datasheet HTML 6Page - Analog Devices AD5522JSVDZ Datasheet HTML 7Page - Analog Devices AD5522JSVDZ Datasheet HTML 8Page - Analog Devices AD5522JSVDZ Datasheet HTML 9Page - Analog Devices AD5522JSVDZ Datasheet HTML 10Page - Analog Devices AD5522JSVDZ Datasheet HTML 11Page - Analog Devices AD5522JSVDZ Datasheet HTML 12Page - Analog Devices AD5522JSVDZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
AD5522
Rev. A | Page 9 of 60
Parameter
Min
Typ1
Max
Unit
Test Conditions/Comments
FORCE AMPLIFIER2
Slew Rate
0.4
V/μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
Gain Bandwidth
1.3
MHz
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
Max Stable Load Capacitance
10,000
pF
CCOMPx = 100 pF, larger CLOAD requires larger
CCOMP
100
nF
CCOMPx = 1 nF, larger CLOAD requires larger CCOMP
FV SETTLING TIME TO 0.05% OF FS2
Midscale to full-scale change; measured from SYNC
rising edge, clamps on
±80 mA Range
22
40
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±2 mA Range
24
40
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±200 μA Range
40
80
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±20 μA Range
300
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±5 μA Range
1400
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
MI SETTLING TIME TO 0.05% OF FS2
Midscale to full-scale change; driven from force
amplifier in FV mode, so includes FV settling time;
measured from SYNC rising edge, clamps on
±80 mA Range
22
40
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±2 mA Range
24
40
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±200 μA Range
60
100
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±20 μA Range
462
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±5 μA Range
1902
μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
FI SETTLING TIME TO 0.05% OF FS2
Midscale to full-scale change; measured from SYNC
rising edge, clamps on
±80 mA Range
24
55
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±2 mA Range
24
60
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±200 μA Range
50
120
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±20 μA Range
450
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±5 μA Range
2700
μs
CCOMPx = 100 pF, CLOAD = 200 pF
MV SETTLING TIME TO 0.05% OF FS2
Midscale to full-scale change; driven from force
amplifier in FV mode, so includes FV settling time;
measured from SYNC rising edge, clamps on
±80 mA Range
24
55
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±2 mA Range
24
60
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±200 μA Range
50
120
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±20 μA Range
450
μs
CCOMPx = 100 pF, CLOAD = 200 pF
±5 μA Range
2700
μs
CCOMPx = 100 pF, CLOAD = 200 pF
DAC SPECIFICATIONS
Resolution
16
Bits
Output Voltage Span2
22.5
V
VREF = 5 V, within a range of −16.25 V to +22.5 V
Differential Nonlinearity2
−1
+1
LSB
Guaranteed monotonic by design over temperature
COMPARATOR DAC DYNAMIC
SPECIFICATIONS2
Output Voltage Settling Time
1
μs
500 mV change to ±½ LSB
Slew Rate
5.5
V/μs
Digital-to-Analog Glitch Energy
20
nV-s
Glitch Impulse Peak Amplitude
10
mV
REFERENCE INPUT
VREF DC Input Impedance
1
100
MΩ
VREF Input Current
−10
+0.03
+10
μA
VREF Range2
2
5
V
DIE TEMPERATURE SENSOR
Accuracy2
±7
°C
Output Voltage at 25°C
1.5
V
Output Scale Factor2
4.6
mV/°C
Output Voltage Range2
0
3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com