Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 18Page - Analog Devices AD5522JSVDZ Datasheet HTML 19Page - Analog Devices AD5522JSVDZ Datasheet HTML 20Page - Analog Devices AD5522JSVDZ Datasheet HTML 21Page - Analog Devices AD5522JSVDZ Datasheet HTML 22Page - Analog Devices AD5522JSVDZ Datasheet HTML 23Page - Analog Devices AD5522JSVDZ Datasheet HTML 24Page - Analog Devices AD5522JSVDZ Datasheet HTML 25Page - Analog Devices AD5522JSVDZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
AD5522
Rev. A | Page 22 of 60
60,000
50,000
40,000
30,000
20,000
10,000
0
CODE
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
DNL
INL
TA = 25°C
Figure 10. Force Voltage Linearity vs. Code, All Ranges,
1 LSB = 0.0015% FSR (20 V FSR)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
5
4
3
2
1
0
–1
–2
–3
–4
–5
60,000
50,000
40,000
30,000
20,000
10,000
0
CODE
60,000
50,000
40,000
30,000
20,000
10,000
0
CODE
DNL
INL
TA = 25°C
Figure 11. Force Current Linearity vs. Code, All Ranges,
1 LSB = 0.0015% FSR (20 V FSR)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
60,000
50,000
40,000
30,000
20,000
10,000
0
CODE
DNL
INL
TA = 25°C
Figure 12. Measure Voltage Linearity vs. Code, All Ranges,
1 LSB = 0.0015% FSR (20 V FSR), MEASOUTx Gain = 1 or 0.2
DNL
INL
TA = 25°C
Figure 13. Measure Current Linearity vs. Code, All Ranges,
1 LSB = 0.0015% FSR (20 V FSR), MI Gain = 10, MEASOUTx Gain = 1
1.0
0.8
0.6
0.4
0.2
0
–0.2
25
35
45
55
65
75
85
95
TEMPERATURE (°C)
EXTFOHx
CFFx
FOHx
EXTMEASIHx
EXTMEASILx
MEASVHx
GUARDINx/DUTGNDx
COMBINED LEAKAGE
V = 0V
2.0
1.5
1.0
0.5
0
–0.5
25
35
45
55
65
75
85
95
TEMPERATURE (°C)
Figure 14. Leakage Current vs. Temperature (Stress Voltage = 0 V)
EXTFOHx
CFFx
FOHx
EXTMEASIHx
EXTMEASILx
MEASVHx
GUARDINx/DUTGNDx
COMBINED LEAKAGE
V = 12V
Figure 15. Leakage Current vs. Temperature (Stress Voltage = 12 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com