Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 38Page - Analog Devices AD5522JSVDZ Datasheet HTML 39Page - Analog Devices AD5522JSVDZ Datasheet HTML 40Page - Analog Devices AD5522JSVDZ Datasheet HTML 41Page - Analog Devices AD5522JSVDZ Datasheet HTML 42Page - Analog Devices AD5522JSVDZ Datasheet HTML 43Page - Analog Devices AD5522JSVDZ Datasheet HTML 44Page - Analog Devices AD5522JSVDZ Datasheet HTML 45Page - Analog Devices AD5522JSVDZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
AD5522
Rev. A | Page 42 of 60
All codes not explicitly referenced in this table are reserved and should not be used (see Table 28).
Table 19. Read and Write Functions of the AD5522
B28
B27
B26
B25
B24
B23
B22
B21 to B0
Selected Channel
RD/WR
PMU3
PMU2
PMU1
PMU0
MODE1
MODE0
Data bits
CH3
CH2
CH1
CH0
Write Functions
0
0
0
0
0
0
0
Data bits
Write to system control
register (see Table 22)
0
0
0
0
0
0
1
Data bits
Reserved
0
0
0
0
0
1
0
Data bits
Reserved
0
0
0
0
0
1
1
All ones
NOP (no operation)
0
0
0
0
0
1
1
Data bits other than all ones
Reserved
Write Addressed DAC or PMU Register
0
0
0
0
1
Select DAC or
PMU register
(see Table 18)
Address and data bits
CH0
0
0
0
1
0
CH1
0
0
0
1
1
CH1
CH0
0
0
1
0
0
CH2
0
0
1
0
1
CH2
CH0
0
0
1
1
0
CH2
CH1
0
0
1
1
1
CH2
CH1
CH0
0
1
0
0
0
CH3
0
1
0
0
1
CH3
CH0
0
1
0
1
0
CH3
CH1
0
1
0
1
1
CH3
CH1
CH0
0
1
1
0
0
CH3
CH2
0
1
1
0
1
CH3
CH2
CH0
0
1
1
1
0
CH3
CH2
CH1
0
1
1
1
1
CH3
CH2
CH1
CH0
Read Functions
1
0
0
0
0
0
0
All zeros
Read from system control
register
1
0
0
0
0
0
1
All zeros
Read from comparator
status register
1
0
0
0
0
1
0
X
Reserved
1
0
0
0
0
1
1
All zeros
Read from alarm status
register
Read Addressed DAC or PMU Register (Only One PMU or DAC Register Can Be Read at One Time)
1
0
0
0
1
Select PMU or
DAC register
(see Table 18)
All zeros if reading PMU registers;
DAC address plus all zeros if reading a
DAC register DAC address (see Table 28)
CH0
1
0
0
1
0
CH1
1
0
1
0
0
CH2
1
1
0
0
0
CH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com