Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 19Page - Analog Devices AD5522JSVDZ Datasheet HTML 20Page - Analog Devices AD5522JSVDZ Datasheet HTML 21Page - Analog Devices AD5522JSVDZ Datasheet HTML 22Page - Analog Devices AD5522JSVDZ Datasheet HTML 23Page - Analog Devices AD5522JSVDZ Datasheet HTML 24Page - Analog Devices AD5522JSVDZ Datasheet HTML 25Page - Analog Devices AD5522JSVDZ Datasheet HTML 26Page - Analog Devices AD5522JSVDZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
AD5522
Rev. A | Page 23 of
–1.2
60
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
25
35
45
55
65
75
85
95
TEMPERATURE (°C)
EXTFOHx
CFFx
FOHx
EXTMEASIHx
EXTMEASILx
MEASVHx
10
1M
100
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10k
100k
1k
FREQUENCY (Hz)
GUARDINx/DUTGNDx
COMBINED LEAKAGE
V = –12V
Figure 16. Leakage Current vs. Temperature (Stress Voltage = −12 V)
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
VSS
VDD
VCC
Figure 19. ACPSRR at FOHx in Force Current Mode vs. Frequency
(MI Gain = 10)
–0.20
–12 –10
–8
–6
–4
–2
0
2
4
6
8
10
12
STRESS VOLTAGE (V)
EXTFOHx
CFFx
FOHx
EXTMEASIHx
EXTMEASILx
MEASVHx
GUARDINx/DUTGNDx
COMBINED LEAKAGE
TA = 25°C
Figure 17. Leakage Current vs. Stress Voltage
0
–20
–40
–60
–80
–100
10
1M
100
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10k
100k
1k
FREQUENCY (Hz)
VSS
VDD
VCC
Figure 20. ACPSRR at FOHx in Force Current Mode vs. Frequency
(MI Gain = 5)
10
1M
100
–120
10k
100k
1k
FREQUENCY (Hz)
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–120
10
1M
100
10k
100k
1k
FREQUENCY (Hz)
AVDD ACPSRR
AVSS ACPSRR
DVCC ACPSRR
Figure 18. ACPSRR at FOHx in Force Voltage Mode vs. Frequency
VSS
VDD
VCC
Figure 21. ACPSRR at MEASOUTx in Measure Voltage Mode vs. Frequency
(Measout Gain = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com