Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 2Page - Analog Devices AD5522JSVDZ Datasheet HTML 3Page - Analog Devices AD5522JSVDZ Datasheet HTML 4Page - Analog Devices AD5522JSVDZ Datasheet HTML 5Page - Analog Devices AD5522JSVDZ Datasheet HTML 6Page - Analog Devices AD5522JSVDZ Datasheet HTML 7Page - Analog Devices AD5522JSVDZ Datasheet HTML 8Page - Analog Devices AD5522JSVDZ Datasheet HTML 9Page - Analog Devices AD5522JSVDZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
AD5522
Rev. A | Page 6 of 60
SPECIFICATIONS
AVDD ≥ 10 V; AVSS ≤ −5 V; |AVDD − AVSS| ≥ 20 V and ≤ 33 V; DVCC = 2.3 V to 5.25 V; VREF = 5 V; REFGND = DUTGND = AGND
= 0 V; gain (M), offset (C), and DAC offset registers at default values; TJ = 25°C to 90°C, unless otherwise noted. (FV = force voltage,
FI = force current, MV = measure voltage, MI = measure current, FS = full scale, FSR = full-scale range, FSVR = full-scale voltage range,
FSCR = full-scale current range.)
Table 1.
Parameter
Min
Typ1
Max
Unit
Test Conditions/Comments
FORCE VOLTAGE
FOHx Output Voltage Range2
AVSS + 4
AVDD − 4
V
All current ranges from FOHx at full-scale current;
includes ±1 V dropped across sense resistor
EXTFOHx Output Voltage
Range2
AVSS + 3
AVDD − 3
V
External high current range at full-scale current;
does not include ±1 V dropped across sense resistor
Output Voltage Span
22.5
V
Offset Error
−50
+50
mV
Measured at midscale code; prior to calibration
Offset Error Tempco2
−10
μV/°C
Standard deviation = 20 μV/°C
Gain Error
−0.5
+0.5
% FSR
Prior to calibration
Gain Error Tempco2
0.5
ppm/°C
Standard deviation = 0.5 ppm/°C
Linearity Error
−0.01
+0.01
% FSR
FSR = full-scale range (±10 V), gain and offset errors
calibrated out
Short-Circuit Current Limit2
−150
+150
mA
±80 mA range
−10
+10
mA
All other ranges
Noise Spectral Density (NSD)2
320
nV/√Hz
1 kHz, at FOHx in FV mode
MEASURE CURRENT
Measure current = (IDUT × RSENSE × gain); amplifier
gain = 5 or 10, unless otherwise noted
Differential Input Voltage
Range2
−1.125
+1.125
V
Voltage across RSENSE; gain = 5 or 10
Output Voltage Span
22.5
V
Measure current block with VREF = 5 V, MEASOUT
scaling happens after
Offset Error
−0.5
+0.5
% FSCR
V(RSENSE) = ±1 V, measured with zero current flowing
Offset Error Tempco2
1
μV/°C
Referred to MI input; standard deviation = 4 μV/°C
Gain Error
−1
+1
% FSCR
Using internal current ranges
−0.5
+0.5
% FSCR
Measure current amplifier alone
Gain Error Tempco2
−2
ppm/°C
Standard deviation = 2 ppm/°C
Linearity Error
−0.015
+0.015
% FSCR
Gain and offset errors calibrated out; MEASOUTx
gain = 1; MI gain = 10
−0.01
+0.01
% FSCR
Gain and offset errors calibrated out; MEASOUTx
gain = 1; MI gain = 5
Common-Mode Voltage Range2
AVSS + 4
AVDD − 4
V
Common-Mode Error
−0.005
+0.005
% FSVR/V
% of full-scale change at measure output per V
change in DUT voltage
Sense Resistors
Sense resistors are trimmed to within 1%
200
kΩ
±5 μA range
50
kΩ
±20 μA range
5
kΩ
±200 μA range
0.5
kΩ
±2 mA range
Measure Current Ranges2
Specified current ranges are achieved with VREF = 5 V
and MI gain = 10, or with VREF = 2.5 V and MI gain = 5
±5
μA
Set using internal sense resistor
±20
μA
Set using internal sense resistor
±200
μA
Set using internal sense resistor
±2
mA
Set using internal sense resistor
±80
mA
Set using external sense resistor; internal amplifier
can drive up to ±80 mA
Noise Spectral Density (NSD)2
400
nV/√Hz
1 kHz, MI amplifier only, inputs grounded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com