Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 37Page - Analog Devices AD5522JSVDZ Datasheet HTML 38Page - Analog Devices AD5522JSVDZ Datasheet HTML 39Page - Analog Devices AD5522JSVDZ Datasheet HTML 40Page - Analog Devices AD5522JSVDZ Datasheet HTML 41Page - Analog Devices AD5522JSVDZ Datasheet HTML 42Page - Analog Devices AD5522JSVDZ Datasheet HTML 43Page - Analog Devices AD5522JSVDZ Datasheet HTML 44Page - Analog Devices AD5522JSVDZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
AD5522
Rev. A | Page 41 of 60
presented before the calibration engine completes the first stage of
the last Channel X2 calculation, data may be lost.
For other writes, (PMU, system control registers, and so forth),
the write command should not be completed (SYNC returning
high) until BUSY returns high. This is necessary to ensure that
calibration data is not lost and that the calibration data is not
corrupted.
Table 17. BUSY Pulse Widths
Action
BUSY Pulse Width1
Loading Data to PMU, System Control
Register, or Readback
0.27 μs maximum
Loading X1 to 1 PMU DAC Channel
1.5 μs maximum
Loading X1 to 2 PMU DAC Channels
2.1 μs maximum
Loading X1 to 3 PMU DAC Channels
2.7 μs maximum
Loading X1 to 4 PMU DAC Channels
3.3 μs maximum
1
BUSY pulse width = ((number of channels + 1) × 600 ns) + 300 ns.
BUSY also goes low during a power-on reset and when a falling
edge is detected on the RESET pin.
WRITE 1
FIRST
STAGE
SECOND
STAGE
THIRD
STAGE
~600ns
600ns
600ns
CALIBRATION ENGINE TIME
FOR EXAMPLE,
WRITE TO 3 FIN
DAC REGISTERS
300ns
WRITE 2
FIRST
STAGE
SECOND
STAGE
THIRD
STAGE
FIRST
STAGE
SECOND
STAGE
THIRD
STAGE
FIRST
STAGE
SECOND
STAGE
THIRD
STAGE
Figure 53. Multiple Writes to DAC X1 Registers
Writing data to the system control register, the PMU control
register, the M register, or the C register does not involve the
digital calibration engine, thus speeding up configuration of the
device on power-on, but care should be taken not to issue these
commands while BUSY is low as previously described.
REGISTER UPDATE RATES
The value of the X2 register is calculated each time the user
writes new data to the corresponding X1 register. The calculation
is performed in a three-stage process. The first two stages take
approximately 600 ns each, and the third stage takes approxi-
mately 300 ns. When the write to the X1 register is complete,
the calculation process begins. If the write operation involves
the update of a single DAC channel, the user is free to write to
another X1 register, provided that the write operation does not
finish (SYNC returns high) until after the first-stage calculation
is complete, that is, 600 ns after the completion of the first write
operation.
WRITE 1
WRITE 2
WRITE 3
FIRST
STAGE
SECOND
STAGE
THIRD
STAGE
~600ns
600ns
600ns
CALIBRATION ENGINE TIME
300ns
FIRST
STAGE
SECOND
STAGE
THIRD
STAGE
FIRST
STAGE
SECOND
STAGE
THIRD
STAGE
Figure 54. Multiple Single Channel Writes Engaging the Calibration Engine
REGISTER SELECTION
The serial word assignment consists of 29 bits. Bit 28 to Bit 22
are common to all registers, whether writing to or reading from
the device. The PMU3 to PMU0 data bits (Bit 27 to Bit 24) address
each PMU channel (or associated DAC register). When the
PMU3 to PMU0 bits are all zeros, the system control register
is addressed.
The mode bits, MODE0 and MODE1, address the different sets
of DAC registers and the PMU register.
Table 18. Mode Bits
B23
MODE1
B22
MODE0
Action
0
0
Write to the system control register or
the PMU register
0
1
Write to the DAC gain (M) register
1
0
Write to the DAC offset (C) register
1
1
Write to the DAC input data (X1) register
Readback Control, RD/WR
Setting the RD/WR bit (Bit 28) high initiates a readback
sequence of the PMU, alarm status, comparator status, system
control, or DAC register, as determined by the address bits.
PMU Address Bits: PMU3, PMU2, PMU1, PMU0
The PMU3 to PMU0 data bits (Bit 27 to Bit 24) address each
PMU channel on chip. These bits allow individual control of
each PMU channel or any combination of channels, in addition
to multichannel programming. PMU bits also allow access to
write registers such as the system control register and the DAC
registers, in addition to reading from all the registers (see Table 19).
NOP (No Operation)
If an NOP (no operation) command is loaded, no change is
made to DAC or PMU registers. This code is useful when
performing a readback of a register within the device (via the
SDO pin) where a change of DAC code or PMU function may
not be required.
Reserved Commands
Any bit combination that is not described in the register address
tables for the PMU, DAC, and system control registers indicates
a reserved command. These commands are unassigned and are
reserved for factory use. To ensure correct operation of the
device, do not use reserved commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com