Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 40Page - Analog Devices AD5522JSVDZ Datasheet HTML 41Page - Analog Devices AD5522JSVDZ Datasheet HTML 42Page - Analog Devices AD5522JSVDZ Datasheet HTML 43Page - Analog Devices AD5522JSVDZ Datasheet HTML 44Page - Analog Devices AD5522JSVDZ Datasheet HTML 45Page - Analog Devices AD5522JSVDZ Datasheet HTML 46Page - Analog Devices AD5522JSVDZ Datasheet HTML 47Page - Analog Devices AD5522JSVDZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
AD5522
Rev. A | Page 44 of 60
Bit
Bit Name
Description
7
GAIN1
MEASOUT output range. The MEASOUT range defaults to the force voltage span for voltage and current measure-
ments, which includes some overrange to allow for offset correction. The nominal output voltage range is ±11.25 V
with the default offset DAC setting, but changes for other offset DAC settings when GAIN1 = 0. Therefore, the
MEASOUT range can be an asymmetrical bipolar voltage range. GAIN1 = 1 enables a unipolar output voltage
range, which allows the use of asymmetrical supplies or a smaller input range ADC. See Table 10 and Table 11
for more details.
6
GAIN0
MEASOUT
Function
Measure
Current Gain
Output Voltage Range for VREF = 5 V, Offset DAC = 0xA492
GAIN1 = 0, MEASOUT Gain = 1
GAIN1 = 1, MEASOUT Gain = 0.2
MV
5 or 10
±VDUT (up to 11.25 V)
0 V to (4.5 × VREF)/5
MI
GAIN0 = 0
10
±VRSENSE × 10 = up to ±11.25 V
0 V to 4.5 V
GAIN0 = 1
5
±VRSENSE × 5 = up to ±5.625 V
0 V to 2.25 V
5
TMP ENABLE
Thermal shutdown feature. To disable the thermal shutdown feature, set the TMP ENABLE bit to 0 (thermal
shutdown is enabled by default).
4
TMP1
The TMP1 and TMP0 bits allow the user to program the temperature that triggers thermal shutdown.
3
TMP0
TMP
ENABLE
TMP1
TMP0
Action
0
X
X
Thermal shutdown disabled
1
X
X
Thermal shutdown enabled
1
0
0
Shutdown at junction temperature of 130°C (power-on default)
1
0
1
Shutdown at junction temperature of 120°C
1
1
0
Shutdown at junction temperature of 110°C
1
1
1
Shutdown at junction temperature of 100°C
2
LATCHED
Configure the open-drain pin (CGALM) as a latched or unlatched output pin. When high, this bit configures the
CGALM alarm output as a latched output, allowing it to drive a controller I/O without needing to poll the line
constantly. The power-on default for this pin is unlatched.
1
0
Unused bits. Set to 0.
0 (LSB)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com