Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 4Page - Analog Devices AD5522JSVDZ Datasheet HTML 5Page - Analog Devices AD5522JSVDZ Datasheet HTML 6Page - Analog Devices AD5522JSVDZ Datasheet HTML 7Page - Analog Devices AD5522JSVDZ Datasheet HTML 8Page - Analog Devices AD5522JSVDZ Datasheet HTML 9Page - Analog Devices AD5522JSVDZ Datasheet HTML 10Page - Analog Devices AD5522JSVDZ Datasheet HTML 11Page - Analog Devices AD5522JSVDZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
AD5522
Rev. A | Page 8 of 60
Parameter
Min
Typ1
Max
Unit
Test Conditions/Comments
FOHx, EXTFOHx, EXTMEASILx,
EXTMEASIHx, CFFx PINS
Pin Capacitance2
10
pF
Leakage Current
−3
+3
nA
Individual pin on or off switch leakage, measured with
±11 V stress applied to pin, channel enabled, but
tristate
Leakage Current Tempco2
±0.01
nA/°C
MEASVHx PIN
Pin Capacitance2
3
pF
Leakage Current
−3
+3
nA
Measured with ±11V stress applied to pin, channel
enabled, but tristate
Leakage Current Tempco2
±0.01
nA/°C
SYS_SENSE PIN
SYS_SENSE connected, force amplifier inhibited
Pin Capacitance2
3
pF
Switch Impedance
1
1.3
kΩ
Leakage Current
−3
+3
nA
Measured with ±11 V stress applied to pin, switch off
Leakage Current Tempco2
±0.01
nA/°C
SYS_FORCE PIN
SYS_FORCE connected, force amplifier inhibited
Pin Capacitance2
6
pF
Switch Impedance
60
80
Ω
Leakage Current
−3
+3
nA
Measured with ±11 V stress applied to pin, switch off
Leakage Current Tempco2
±0.01
nA/°C
COMBINED LEAKAGE AT DUT
Includes FOHx, MEASVHx, SYS_SENSE, SYS_FORCE,
EXTMEASILx, EXTMEASIHx, EXTFOHx, and CFFx;
calculation of all the individual leakage contributors
Leakage Current
−15
+15
nA
TJ = 25°C to 70°C
−25
+25
nA
TJ = 25°C to 90°C
Leakage Current Tempco2
±0.1
nA/°C
DUTGND PIN
Voltage Range
−500
+500
mV
Leakage Current
−30
+30
nA
MEASOUTx PIN
With respect to AGND
Output Voltage Span
22.5
V
Software programmable output range
Output Impedance
60
80
Ω
Output Leakage Current
−3
+3
nA
With SW12 off
Output Capacitance2
15
pF
Maximum Load Capacitance2
0.5
μF
Output Current Drive2
2
mA
Short-Circuit Current
−10
+10
mA
Slew Rate2
2
V/μs
Enable Time2
150
320
ns
Closing SW12, measured from BUSY rising edge
Disable Time2
400
1100
ns
Opening SW12, measured from BUSY rising edge
MI to MV Switching Time2
200
ns
Measured from BUSY rising edge; does not include
slewing or settling
GUARDx PIN
Output Voltage Span
22.5
V
Output Offset
−10
+10
mV
Short-Circuit Current
−15
+15
mA
Maximum Load Capacitance2
100
nF
Output Impedance
85
Ω
Tristate Leakage Current2
−30
+30
nA
When guard amplifier is disabled
Slew Rate2
5
V/μs
CLOAD = 10 pF
Alarm Activation Time2
200
μs
Alarm delayed to eliminate false alarms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com