Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 6Page - Analog Devices AD5522JSVDZ Datasheet HTML 7Page - Analog Devices AD5522JSVDZ Datasheet HTML 8Page - Analog Devices AD5522JSVDZ Datasheet HTML 9Page - Analog Devices AD5522JSVDZ Datasheet HTML 10Page - Analog Devices AD5522JSVDZ Datasheet HTML 11Page - Analog Devices AD5522JSVDZ Datasheet HTML 12Page - Analog Devices AD5522JSVDZ Datasheet HTML 13Page - Analog Devices AD5522JSVDZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
AD5522
Rev. A | Page 10 of 60
Parameter
Min
Typ1
Max
Unit
Test Conditions/Comments
INTERACTION AND CROSSTALK2
DC Crosstalk (FOHx)
0.05
0.65
mV
DC change resulting from a dc change in any DAC
in the device, FV and FI modes, ±2 mA range, CLOAD
= 200 pF, RLOAD = 5.6 kΩ
DC Crosstalk (MEASOUTx)
0.05
0.65
mV
DC change resulting from a dc change in any DAC
in the device, MV and MI modes, ±2 mA range,
CLOAD = 200 pF, RLOAD = 5.6 kΩ
DC Crosstalk Within a Channel
0.05
mV
All channels in FVMI mode, one channel at
midscale; measure the current for one channel in
the lowest current range for a change in
comparator or clamp DAC levels for that PMU
SPI INTERFACE LOGIC INPUTS
Input High Voltage, VIH
1.7/2.0
V
(2.3 V to 2.7 V)/(2.7 V to 5.25 V), JEDEC-compliant
input levels
Input Low Voltage, VIL
0.7/0.8
V
(2.3 V to 2.7 V)/(2.7 V to 5.25 V), JEDEC-compliant
input levels
Input Current, IINH, IINL
−1
+1
μA
Input Capacitance, CIN2
10
pF
CMOS LOGIC OUTPUTS
SDO, CPOx
Output High Voltage, VOH
DVCC − 0.4
V
Output Low Voltage, VOL
0.4
V
IOL = 500 μA.
Tristate Leakage Current
−2
+2
μA
SDO, CPOH1/SDO
−1
+1
μA
All other output pins
Output Capacitance2
10
pF
OPEN-DRAIN LOGIC OUTPUTS
BUSY, TMPALM, CGALM
Output Low Voltage, VOL
0.4
V
IOL = 500 μA, CLOAD = 50 pF, RPULLUP = 1 kΩ
Output Capacitance2
10
pF
LVDS INTERFACE LOGIC INPUTS
REDUCED RANGE LINK2
Input Voltage Range
875
1575
mV
Input Differential Threshold
−100
+100
mV
External Termination Resistance
80
100
120
Ω
Differential Input Voltage
100
mV
LVDS INTERFACE LOGIC OUTPUTS
REDUCED RANGE LINK
Output Offset Voltage
1200
mV
Output Differential Voltage
400
mV
POWER SUPPLIES
AVDD
10
28
V
|AVDD − AVSS| ≤ 33 V
AVSS
−23
−5
V
DVCC
2.3
5.25
V
AIDD
26
mA
Internal ranges (±5 μA to ±2 mA), excluding load
conditions; comparators and guard disabled
AISS
−26
mA
Internal ranges (±5 μA to ±2 mA), excluding load
conditions; comparators and guard disabled
AIDD
28
mA
Internal ranges (±5 μA to ±2 mA), excluding load
conditions; comparators and guard enabled
AISS
−28
mA
Internal ranges (±5 μA to ±2 mA), excluding load
conditions; comparators and guard enabled
AIDD
36
mA
External range, excluding load conditions
AISS
−36
mA
External range, excluding load conditions
DICC
1.5
mA
Maximum Power Dissipation2
7
W
Maximum power that should be dissipated in this
package under worst-case load conditions; careful
consideration should be given to supply selection
and thermal design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com