Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4/PCBZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9520-4/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4/PCBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9520-4/PCBZ Datasheet HTML 34Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 35Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 36Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 37Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 38Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 39Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 40Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 41Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
AD9520-4
Rev. 0 | Page 38 of 84
Digital Lock Detect (DLD)
By selecting the proper output through the mux on each pin, the
DLD function is available at the LD, STATUS, and REFMON pins.
The digital lock detect circuit indicates a lock when the time
difference of the rising edges at the PFD inputs is less than a
specified value (the lock threshold). The loss of a lock is indicated
when the time difference exceeds a specified value (the unlock
threshold). Note that the unlock threshold is wider than the
lock threshold, which allows some phase error in excess of the
lock window to occur without chattering on the lock indicator.
The lock detect window timing depends on the value of the
CPRSET resistor, as well as three settings: the digital lock detect
window bit (0x018[4]), the antibacklash pulse width setting
(0x017[1:0], see Table 2), and the lock detect counter
(0x018[6:5]). The lock and unlock detection values in Table 2
are for the nominal value of CPRSET = 5.11 kΩ. Doubling the
CPRSET value to 10 kΩ doubles the values in Table 2.
A lock is not indicated until there is a programmable number of
consecutive PFD cycles with a time difference less than the lock
detect threshold. The lock detect circuit continues to indicate a
lock until a time difference greater than the unlock threshold
occurs on a single subsequent cycle. For the lock detect to work
properly, the period of the PFD frequency must be greater than
the unlock threshold. The number of consecutive PFD cycles
required for lock is programmable (0x018[6:5]).
Note that it is possible in certain low (<500 Hz) loop bandwidth,
high phase margin cases that the DLD can chatter during acqui-
sition, which can cause the AD9520 to automatically enter and exit
holdover. To avoid this potential problem, it is recommended
that the user make provisions for a capacitor to ground on the
LD pin so that current source digital lock detect (CSDLD) mode
can be used.
Analog Lock Detect (ALD)
The AD9520 provides an ALD function that can be selected for
use at the LD pin. There are two operating modes for ALD:
• N-channel open-drain lock detect. This signal requires a pull-
up resistor to the positive supply, VS. The output is normally
high with short, low-going pulses. Lock is indicated by the
minimum duty cycle of the low-going pulses.
• P-channel open-drain lock detect. This signal requires a pull-
down resistor to GND. The output is normally low with short,
high-going pulses. Lock is indicated by the minimum duty
cycle of the high-going pulses.
The analog lock detect function requires an R-C filter to provide a
logic level indicating lock/unlock. The ADIsimCLK tool can be
used to help the user select the right passive component values
for ALD to ensure its correct operation.
AD9520
ALD
LD
R1
C
VOUT
R2
VS = 3.3V
Figure 41. Example of Analog Lock Detect Filter, Using
N-Channel Open-Drain Driver
Current Source Digital Lock Detect (CSDLD)
During the PLL locking sequence, it is normal for the DLD
signal to toggle a number of times before remaining steady
when the PLL is completely locked and stable. There may be
applications where it is desirable to have DLD asserted only
after the PLL is solidly locked. This is possible by using the
current source lock detect function. This function is enabled by
putting a capacitor to ground on the DLD pin, and by selecting
DLD as the output for the LD pin (0x01A[5:0] = 0x00h).
Enabling the LD pin comparator (0x01D[3] = 1) allows the user:
• To use CSDLD in conjunction with automatic switchover
and holdover.
• To view the CSDLD status on the STATUS and REFMON pins.
The current source lock detect provides a current of 110 μA when
DLD is true and shorts to ground when DLD is false. If a capacitor
is connected to the LD pin, it charges at a rate determined by the
current source during the DLD true time but is discharged nearly
instantly when DLD is false. By monitoring the voltage at the
LD pin (top of the capacitor), LD = high will only happen after the
DLD is true for a sufficiently long time. Any momentary DLD
false resets the charging. By selecting a properly sized capacitor,
it is possible to delay a lock detect indication until the PLL is
stably locked and the lock detect does not chatter.
The voltage on the capacitor can be sensed by an external
comparator connected to the LD pin. However, there is an
internal LD pin comparator that can be read at the REFMON
pin control (0x01B[4:0]) or the STATUS pin control (0x017[7:2])
as an active high signal. It is also available as an active low signal
(REFMON, 0x01B[4:0] and STATUS, 0x017[7:2]). The internal LD
pin comparator trip point and hysteresis are given in Table 17.
Using the CSDLD also permits the user to asynchronously enable
individual clock outputs only when CSDLD is high. To enable
this feature, set the appropriate bits in the enable output on the
CSDLD registers (0x0FC and 0x0FD).
AD9520
LD
REFMON
OR
STATUS
C
VOUT
110µA
DLD
LD PIN
COMPARATOR
Figure 42. Current Source Lock Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com