Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9520-4/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9520-4/PCBZ Datasheet HTML 10Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 11Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 12Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 13Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 14Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 15Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 16Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 17Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
AD9520-4
Rev. 0 | Page 14 of 84
SERIAL CONTROL PORT—I²C MODE
Table 14.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SDA, SCL (WHEN INPUTS)
Input Logic 1 Voltage
0.7 × VS
V
Input Logic 0 Voltage
0.3 × VS
V
Input Current with an Input Voltage Between
0.1 VS and 0.9 VS
−10
+10
μA
Hysteresis of Schmitt Trigger Inputs
0.015 × VS
Pulse width of Spikes That Must Be Suppressed by the
Input Filter, tSP
50
ns
SDA (WHEN OUTPUTTING DATA)
Output Logic 0 Voltage at 3 mA Sink Current
0.4
V
Output Fall Time from VIHMIN to VILMAX with a Bus
Capacitance from 10 pF to 400 pF
20 + 0.1 Cb (Cb =
capacitance of
one bus line in pF)
250
ns
TIMING
Note that all I2C timing values
referred to VIHMIN (0.3 × VS) and
VILMAX levels (0.7 × VS)
Clock Rate (SCL, fI2C)
400
kHz
Bus Free Time Between a Stop and Start Condition, tIDLE
1.3
μs
Setup Time for a Repeated Start Condition, tSET; STR
0.6
μs
Hold Time (Repeated) Start Condition (After This Period,
the First Clock Pulse Is Generated, tHLD; STR)
0.6
μs
Setup Time for Stop Condition, tSET; STP
0.6
μs
Low Period of the SCL Clock, tLOW
1.3
μs
High Period of the SCL Clock, tHIGH
0.6
μs
SCL, SDA Rise Time, tRISE
20 + 0.1 Cb
300
ns
SCL, SDA Fall Time, tFALL
20 + 0.1 Cb
300
ns
Data Setup Time, tSET; DAT
120
ns
This is a minor deviation from
the original I²C specification of
100 ns minimum
Data Hold Time, tHLD; DAT
140
880
ns
This is a minor deviation from
the original I²C specification of
0 ns minimum1
Capacitive Load for Each Bus Line, Cb
400
pF
1 According to the original I2C specification, an I2C master must also provide a minimum hold time of 300 ns for the SDA signal to bridge the undefined region of the SCL
falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com