Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4/PCBZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD9520-4/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4/PCBZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9520-4/PCBZ Datasheet HTML 63Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 64Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 65Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 66Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 67Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 68Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 69Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 70Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
AD9520-4
Rev. 0 | Page 67 of 84
REGISTER MAP DESCRIPTIONS
Table 50 through Table 60 provide a detailed description of each of the control register functions. The registers are listed by hexadecimal
address. Reference to a specific bit or range of bits within a register is indicated by square brackets. For example, [3] refers to Bit 3 and
[5:2] refers to the range of bits from Bit 5 through Bit 2.
Table 50. SPI Mode Serial Port Configuration
Reg Addr (Hex)
Bit(s)
Name
Description
000
[7]
SDO active
Selects unidirectional or bidirectional data transfer mode.
[7] = 0; SDIO pin used for write and read; SDO is high impedance (default).
[7] = 1; SDO used for read; SDIO used for write; unidirectional mode.
000
[6]
LSB first/addr incr
SPI MSB or LSB data orientation. (This register is ignored in I2C mode.)
[6] = 0; data-oriented MSB first; addressing decrements (default).
[6] = 1; data-oriented LSB first; addressing increments.
000
[5]
Soft reset
Soft Reset.
[5] = 1 (self-clearing). Soft reset; restores default values to internal registers.
000
[4]
Unused
000
[3:0]
Mirror[7:4]
Bits[3:0] should always mirror[7:4] so that it does not matter whether the part
is in MSB or LSB first mode (see Register 0x000[6]). User should set bits as follows:
[0] = [7]
[1] = [6]
[2] = [5]
[3] = [4]
004
[0]
Readback active registers
Select register bank used for a readback.
[0] = 0; read back buffer registers (default).
[0] = 1; read back active registers.
Table 51. I2C Mode Serial Port Configuration
Reg Addr (Hex)
Bit(s)
Name
Description
000
[7:6]
Unused
000
[5]
Soft reset
Soft Reset.
[5] = 1 (self-clearing). Soft reset; restores default values to internal registers.
000
[4]
Unused
000
[3:0]
Mirror[7:4]
Bits[3:0] should always mirror[7:4] so that it does not matter whether the part is
in MSB or LSB first mode (see Register 0x000[6]). Set bits as follows:
[0] = [7]
[1] = [6]
[2] = [5]
[3] = [4]
004
[0]
Readback active registers
Select register bank used for a readback.
[0] = 0; read back buffer registers. (default)
[0] = 1; read back active registers.
Table 52. EEPROM ID
Reg Addr (Hex)
Bit(s)
Name
Description
005
[7:0]
EEPROM customer
version ID (LSB)
16-bit EEPROM ID[7:0]. This register, along with 0x006, allow the user to store a
unique ID to identify which version of the AD9520 register settings is stored in the
EEPROM. It does not affect AD9520 operation in any way (default: 0x00).
006
[7:0]
EEPROM customer
version ID (MSB)
16-bit EEPROM ID[15:8]. This register, along with 0x005, allow the user to store a
unique ID to identify which version of AD9520 register settings is stored in the
EEPROM. It does not affect AD9520 operation in any way (default: 0x00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com