Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4/PCBZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9520-4/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4/PCBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9520-4/PCBZ Datasheet HTML 40Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 41Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 42Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 43Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 44Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 45Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 46Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 47Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
AD9520-4
Rev. 0 | Page 44 of 84
MODE 0 (INTERNAL VCO MODE)
CLK
CLK
LF
0
1
DIVIDE BY 1,
2, 3, 4, 5, OR 6
CLOCK
DISTRI-
BUTION
PLL
DISTRIBUTION
CLOCK
MODE 1 (CLOCK DISTRIBUTION MODE)
DISTRIBUTION
CLOCK
MODE 2 (HF CLOCK DISTRIBUTION MODE)
CLK
CLK
LF
0
1
DIVIDE BY 1,
2, 3, 4, 5, OR 6
CLOCK
DISTRI-
BUTION
PLL
CLK
CLK
LF
0
1
DIVIDE BY 1,
2, 3, 4, 5, OR 6
CLOCK
DISTRI-
BUTION
PLL
DISTRIBUTION
CLOCK
Figure 47. Simplified Diagram of the Three Clock Distribution Operation Modes
CLOCK DISTRIBUTION
A clock channel consists of three LVPECL clock outputs or six
CMOS clock outputs that share a common divider. A clock
output consists of the drivers that connect to the output pins.
The clock outputs have either LVPECL or CMOS at the pins.
The AD9520 has four clock channels. Each channel has its own
programmable divider that divides the clock frequency applied
to its input. The channel dividers can divide by any integer from
1 to 32.
The AD9520 features a VCO divider that divides the VCO output
by 1, 2, 3, 4, 5, or 6 before going to the individual channel dividers.
The VCO divider has two purposes. The first is to limit the
maximum input frequency of the channel dividers to 1.6 GHz. The
other is to allow the AD9520 to generate even lower frequencies
than would be possible with only a simple postdivider. External
clock signals connected to the CLK input can also use the VCO
divider.
The channel dividers allow for a selection of various duty cycles,
depending on the currently set division. That is, for any specific
division, D, the output of the divider can be set to high for N + 1
input clock cycles and low for M + 1 input clock cycles (where
D = N + M + 2). For example, a divide-by-5 can be high for one
divider input cycle and low for four cycles, or a divide-by-5 can
be high for three divider input cycles and low for two cycles.
Other combinations are also possible.
The channel dividers include a duty-cycle correction function
that can be disabled. In contrast to the selectable duty cycle
just described, this function can correct a non-50% duty cycle
caused by an odd division. However, this requires that the
division be set by M = N + 1.
In addition, the channel dividers allow a coarse phase offset or
delay to be set. Depending on the division selected, the output
can be delayed by up to 15 input clock cycles. For instance, if
the frequency at the input of the channel divider is 1 GHz, the
channel divider output can be delayed by up to 15 ns. The
divider outputs can also be set to start high or to start low.
Operation Modes
There are three clock distribution operating modes, and these
are shown in Figure 47. One of these modes uses the internal
VCO, while the other two bypass the internal VCO and use the
signal provided on the CLK/CLK pins.
In Mode 0 (internal VCO mode), there are two signal paths
available. In the first path, the VCO signal is sent to the VCO
divider and then to the individual channel dividers. In the
second path, the user bypasses the VCO and channel dividers
and sends the VCO signal directly to the drivers.
When CLK is selected as the source, it is not necessary to use the
VCO divider if the CLK frequency is less than the maximum
channel divider input frequency (1600 MHz); otherwise, the
VCO divider must be used to reduce the frequency going to
the channel dividers.
Table 31 shows how the VCO, CLK, and VCO divider are selected.
0x1E1[1:0] selects the channel divider source and determines
whether the VCO divider is used. It is not possible to select the
VCO without using the VCO divider.
Table 31. Operation Modes
0x1E1
Mode
[1]
[0]
Channel Divider Source
VCO Divider
2
0
0
CLK
Used
1
0
1
CLK
Not used
0
1
0
VCO
Used
1
1
Not allowed
Not allowed
CLK or VCO Direct-to-LVPECL Outputs
It is possible to connect either the internal VCO or the CLK
(whichever is selected as the input to the VCO divider) directly
to the LVPECL outputs. This configuration can pass frequencies
up to the maximum frequency of the VCO directly to the LVPECL
outputs. However, the LVPECL outputs may not be able to meet
the VOD specification in Table 4 at the highest frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com